Electronic Components Datasheet Search
  English  ▼

X  

MCP3426 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP3426
Description  16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3426 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP3426 Datasheet HTML 8Page - Microchip Technology MCP3426 Datasheet HTML 9Page - Microchip Technology MCP3426 Datasheet HTML 10Page - Microchip Technology MCP3426 Datasheet HTML 11Page - Microchip Technology MCP3426 Datasheet HTML 12Page - Microchip Technology MCP3426 Datasheet HTML 13Page - Microchip Technology MCP3426 Datasheet HTML 14Page - Microchip Technology MCP3426 Datasheet HTML 15Page - Microchip Technology MCP3426 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
MCP3426/7/8
DS22226A-page 12
© 2009 Microchip Technology Inc.
FIGURE 3-1:
Equivalent Analog Input Circuit.
3.3
Serial Clock Pin (SCL)
SCL is the serial clock pin of the I2C interface. The
device acts only as a slave and the SCL pin accepts
only external serial clocks. The input data from the
Master device is shifted into the SDA pin on the rising
edges of the SCL clock and output from the slave
device occurs at the falling edges of the SCL clock. The
SCL pin is an open-drain N-channel driver. Therefore,
it needs a pull-up resistor from the VDD line to the SCL
pin.
Refer
to
Section 5.3
“I2C
Serial
Communications” for more details on I2C Serial
Interface communication.
3.4
Serial Data Pin (SDA)
SDA is the serial data pin of the I2C interface. The SDA
pin is used for input and output data. In read mode, the
conversion result is read from the SDA pin (output). In
write mode, the device configuration bits are written
(input) though the SDA pin. The SDA pin is an
open-drain N-channel driver. Therefore, it needs a
pull-up resistor from the VDD line to the SDA pin.
Except for start and stop conditions, the data on the
SDA pin must be stable during the high period of the
clock. The high or low state of the SDA pin can only
change when the clock signal on the SCL pin is low.
Refer to Section 5.3 “I2C Serial Communications”
for more details on I2C Serial Interface communication.
The typical range of the pull-up resistor value for SCL
and SDA is from 5 k
Ω to 10 kΩ for standard (100 kHz)
and fast (400 kHz) modes, and less than 1 k
Ω for high
speed mode (3.4 MHz).
3.5
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the VSS pin; they must
be connected to the same potential on the Printed
Circuit Board (PCB).
C
PIN
V
RSS CHn
4pF
VT = 0.6V
VT = 0.6V
ILEAKAGE
Sampling
Switch
SS
RS
C
SAMPLE
(3.2 pF)
VDD
(~ ±1 nA)
LEGEND
V
=
Signal Source
I
LEAKAGE
=
Leakage Current at Analog Pin
Rss
=
Source Impedance
SS
=
Sampling Switch
CHn
=
Analog Input Pin
Rs
=
Sampling Switch Resistor
C
PIN
=
Input Pin Capacitance
C
SAMPLE
=
Sample Capacitance
V
T
=
Threshold Voltage
D1, D2
=
ESD Protection Diode
D1
D2
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com