Electronic Components Datasheet Search
  English  ▼

X  

ADL5375 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5375
Description  Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375 Datasheet(HTML) 4 Page - Analog Devices

  ADL5375 Datasheet HTML 1Page - Analog Devices ADL5375 Datasheet HTML 2Page - Analog Devices ADL5375 Datasheet HTML 3Page - Analog Devices ADL5375 Datasheet HTML 4Page - Analog Devices ADL5375 Datasheet HTML 5Page - Analog Devices ADL5375 Datasheet HTML 6Page - Analog Devices ADL5375 Datasheet HTML 7Page - Analog Devices ADL5375 Datasheet HTML 8Page - Analog Devices ADL5375 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CN-0205
Circuit Note
Rev. 0 | Page 4 of 9
–6.0
–5.0
–4.0
–3.0
–2.0
–1.0
0
1.0
1M
10M
100M
1G
BB FREQUENCY (Hz)
Figure 6. Baseband (BB) Frequency Response of ADL5375-05
RBIP
50Ω
RBIN
50Ω
67
66
C1I
3.6pF
C2PI
22pF
C4PI
3pF
C2NI
22pF
C4NI
3pF
L1PI
33nH
L2PI
33nH
IBBN
IBBP
AD9122
ADL5375-05
RBQN
50Ω
RBQP
50Ω
59
58
RSLI
100Ω
RSLQ
100Ω
IOUT1N
IOUT1P
IOUT2P
IOUT2N
QBBP
QBBN
L1NI
33nH
L2NI
33nH
C3I
6pF
C1Q
3.6pF
C2NQ
22pF
C4NQ
3pF
C2PQ
22pF
C4PQ
3pF
L1NQ
33nH
L2NQ
33nH
L1PQ
33nH
L2PQ
33nH
C3Q
6pF
21
22
9
10
Figure 7. Recommended DAC Modulator Interface topology with Fc =300
MHz Fifth-Order, Butterworth Filter
0
–5
–10
–15
–20
–25
1
10
100
500
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
FREQUENCY (MHz)
MAGNITUDE
GROUP DELAY
Figure 8 . Frequency Response for DAC Modulator Interface with 300 MHz
Fifth-Order Butterworth Filter (Simulated)
–40
–30
–20
–10
0
0
100
200
300
400
500
FREQUENCY (MHz)
Figure 9. Measured Frequency Response for DAC Modulator Interface with
300 MHz Fifth-Order Butterworth Filter
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
300
400
500
600
700
800
900
1000
COMMON MODE FREQUENCY (MHz)
NO FILTER
WITH FILTER
Figure10. Measured Common-Mode Rejection Performance at ADL5375-05
RF output with Filter and without Filter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com