Electronic Components Datasheet Search
  English  ▼

X  

ADL5375 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5375
Description  Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375 Datasheet(HTML) 3 Page - Analog Devices

  ADL5375 Datasheet HTML 1Page - Analog Devices ADL5375 Datasheet HTML 2Page - Analog Devices ADL5375 Datasheet HTML 3Page - Analog Devices ADL5375 Datasheet HTML 4Page - Analog Devices ADL5375 Datasheet HTML 5Page - Analog Devices ADL5375 Datasheet HTML 6Page - Analog Devices ADL5375 Datasheet HTML 7Page - Analog Devices ADL5375 Datasheet HTML 8Page - Analog Devices ADL5375 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Circuit Note
CN-0205
Rev. 0 | Page 3 of 9
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
1k
10k
RL (Ω)
Figure 3. Peak-to-Peak Differential Swing and the Swing Limiting
Resistor (RL) with 50 Ω Bias-Setting Resistors
Baseband Filtering
A filter must be inserted between the AD9122 and ADL5375 to
remove Nyquist images, spurs, and broadband noise originating
from the DAC. The filter should be placed between the dc bias
setting resistors and the ac swing-limiting resistor. With this
configuration, the dc bias setting resistors (RB in Figure 4) and
the signal scaling resistors (RLin Figure 4) conveniently set the
source and load resistances for the filter design.
Figure 4 shows a third-order Bessel low-pass filter with a −3 dB
frequency of 10 MHz. Matching input and output impedances of
the filter makes the filter design easy and results in better
passband flatness, which allows wide bandwidth filter designs.
In this example, the shunt resistor chosen is 100 Ω, producing
an ac swing of 1 V p-p differential. The frequency response of
this filter is shown in Figure 5.
RBIP
50Ω
RBIN
50Ω
67
66
21
22
IBBN
IBBP
AD9122
ADL5375-05
RBQN
50Ω
RBQP
50Ω
59
58
9
10
RSLI
100Ω
RSLQ
100Ω
OUT1_N
OUT1_P
OUT2_P
OUT2_N
QBBP
QBBN
LPI
771.1nH
LNI
771.1nH
53.62pF
C1I
350.1pF
C2I
LNQ
771.1nH
LPQ
771.1nH
53.62pF
C1Q
350.1pF
C2Q
Figure 4. DAC Modulator Interface with 10 MHz Third-Order, Bessel Filter
1
10
100
–60
–50
–40
–30
–20
–10
0
0
6
12
18
24
30
36
FREQUENCY (MHz)
MAGNITUDE
GROUP DELAY
Figure 5. Frequency Response for DAC Modulator Interface with
10 MHz Third-Order Bessel Filter
Filtering for Complex IF (CIF) Applications
Figure 6 shows the frequency response of the ADL5375
baseband I and Q inputs. Because this device has a wide and flat
frequency response (−3 dB point = 750 MHz), it is well suited to
complex IF (CIF) applications where the output signal from the
DAC has been digitally upconverted. In CIF applications, a low-
pass Nyquist filter is still desirable, primarily because the dc bias
level can be preserved from the DAC output to the modulator
input.
The filter topology shown in Figure 7 is a 5th order Butterworth
filter with a 300 MHz corner frequency and is the
recommended filter topology. A purely differential filter can
reject differential-mode images, spurs, and noise from the DAC.
Using two capacitors with their common connection grounded
(C2 and C4 in Figure 7) diverts some of the common-mode
current to ground and results in better common-mode rejection
of high-frequency signals than would be obtained with a purely
differential filter.
The simulated and measured responses of this filter are shown
in Figure 8 and Figure 9. The measured flatness is ±0.6 dB from
dc to 250 MHz and ±0.4 dB from 125 MHz to 250 MHz. This
data was taken with the AD9122 inverse sinc function on. In
this configuration, Figure 10 shows the common-mode
rejection performance of the 2 × FDAC common-mode spur vs.
common-mode frequency with and without IF filter shown in
Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com