Electronic Components Datasheet Search
  English  ▼

X  

ADL5375 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5375
Description  Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5375 Datasheet(HTML) 1 Page - Analog Devices

  ADL5375 Datasheet HTML 1Page - Analog Devices ADL5375 Datasheet HTML 2Page - Analog Devices ADL5375 Datasheet HTML 3Page - Analog Devices ADL5375 Datasheet HTML 4Page - Analog Devices ADL5375 Datasheet HTML 5Page - Analog Devices ADL5375 Datasheet HTML 6Page - Analog Devices ADL5375 Datasheet HTML 7Page - Analog Devices ADL5375 Datasheet HTML 8Page - Analog Devices ADL5375 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Circuit Note
CN-0205
Circuits from the Lab™ reference circuits are engineered and
testedfor quickandeasysystemintegrationtohelpsolvetoday’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport, visitwww.analog.com/CN0205.
Devices Connected/Referenced
AD9122
Dual Channel, 1.2 GSPS, 16-Bit, TxDAC®
Digital-to Analog Converter
ADL5375
Broadband Quadrature Modulator
Interfacing the ADL5375 I/Q Modulator to the
AD9122 Dual Channel, 1.2 GSPS High Speed DAC
Rev. 0
CircuitsfromtheLab™circuitsfromAnalogDeviceshavebeendesignedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
AD9122/ADL5375 Evaluation Board (AD9122-M5375-EBZ)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
This circuit provides a simple and flexible interface between
the AD9122 dual high speed TxDAC digital-to-analog
converter and the ADL5375-05 broadband I/Q modulator.
Because the DAC outputs and ADL5375-05 I/Q modulator
inputs share a common bias level of 0.5 V, there is no need
for any active or passive level shifting circuitry. The dc coupled
interface facilitates I/Q modulator local oscillator (LO) leakage
compensation by the DAC.
The 1.2 GSPS AD9122 DAC sampling rate and the wide
bandwidth of the ADL5375-05 modulator I and Q inputs
ensure that both zero-IF (ZIF) or complex-IF (CIF)
architectures can be supported. In addition to filtering Nyquist
images, the baseband filter provides excellent rejection of both
differential-mode and common-mode DAC spurs.
CIRCUIT DESCRIPTION
The circuit and board shown in Figure 1 and Figure2 utilize the
AD9122 TxDAC and the ADL5375-05 wideband transmit
modulator. Signal biasing and scaling in the interface circuit is
controlled by the four ground-referenced resistors (RBIP, RBIN,
RBQP, RBQN) and the two shunt resistors (RSLI,RSLQ),
respectively.
RBIP
50Ω
RBIN
50Ω
67
66
IBBN
IBBP
AD9122
ADL5375-05
RBQN
50Ω
RBQP
50Ω
59
58
21
22
9
10
RSLI
100Ω
RSLQ
100Ω
IOUT1N
IOUT1P
IOUT2P
IOUT2N
QBBP
QBBN
LOW-PASS
FILTER
LOW-PASS
FILTER
Figure 1. Interface Between the AD9122 and ADL5375-05 with 50 Ω Resistors to Ground to Establish the
500 mV DC Bias for the ADL5375-05 Baseband Inputs (Simplified Schematic)


Similar Part No. - ADL5375

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375 AD-ADL5375 Datasheet
471Kb / 5P
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
ADL5375 AD-ADL5375 Datasheet
248Kb / 8P
Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
ADL5375 AD-ADL5375 Datasheet
209Kb / 8P
Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5375 AD-ADL5375 Datasheet
466Kb / 6P
Providing Fixed Power Gain at the Output of an IQ Modulator
REV. 0
More results

Similar Description - ADL5375

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
VMF-2E-160SQ MERRIMAC-VMF-2E-160SQ Datasheet
486Kb / 1P
I&Q MODULATOR
VMF-2E-340SQ MERRIMAC-VMF-2E-340SQ Datasheet
485Kb / 1P
I&Q MODULATOR
logo
Analog Devices
CN-0016 AD-CN-0016 Datasheet
128Kb / 2P
Interfacing the ADL5370 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0017 AD-CN-0017 Datasheet
129Kb / 2P
Interfacing the ADL5371 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0018 AD-CN-0018 Datasheet
129Kb / 2P
Interfacing the ADL5372 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0019 AD-CN-0019 Datasheet
134Kb / 3P
Interfacing the ADL5373 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0020 AD-CN-0020 Datasheet
134Kb / 3P
Interfacing the ADL5374 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
CN-0021 AD-CN-0021 Datasheet
139Kb / 3P
Interfacing the ADL5375 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
logo
Mini-Circuits
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
I&Q Modulator
MIQA-100M MINI-MIQA-100M Datasheet
190Kb / 1P
I&Q Modulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com