Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 169 Page - Actel Corporation

Part # APA150
Description  ProASIC Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 169 Page - Actel Corporation

Back Button APA150 Datasheet HTML 165Page - Actel Corporation APA150 Datasheet HTML 166Page - Actel Corporation APA150 Datasheet HTML 167Page - Actel Corporation APA150 Datasheet HTML 168Page - Actel Corporation APA150 Datasheet HTML 169Page - Actel Corporation APA150 Datasheet HTML 170Page - Actel Corporation APA150 Datasheet HTML 171Page - Actel Corporation APA150 Datasheet HTML 172Page - Actel Corporation APA150 Datasheet HTML 173Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
4-1
Datasheet Information
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous version
Changes in current version (v5.9)
Page
v5.8
(June 2009)
The –F speed grade is no longer supported and was removed from the datasheet.
N/A
A note regarding RoHS compliant packages was added to the "Device Resources" table.
iii
v5.7
(September 2008)
The "PLL Electrical Specifications" table was updated significantly. Changes were made to the
Input, VCO (Voltage Controlled Oscillator), and Output frequencies, and the acquisition time.
2-18
Table 2-10 • PLL I/O Constraints is new.
2-19
Table 2-23 • DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V)
Applies to Commercial and Industrial Temperature Only is the same table that was in v5.7, but it
now only applies to commercial and industrial temperature ranges. Table 2-24 • DC Electrical
Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V) Applies to Military Temperature
and MIL-STD-883B Temperature Only is based on Table 2-23 but Table 2-24 only applies to
military temperature. The VOH and VOL specifications were updated in Table 2-24, and changes
have been made to the drive currents at which 3.3 V VOH and VOL voltage levels are measured
and are now split by slew rate. In addition in Table 2-24, the maximum VIL specification has
changed from 0.8 V to 0.7 V for 3.3 V Schmitt-trigger input operation.
2-38
v5.6
(August 2008)
VOH and VOL data in Table 2-24 • DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD =
2.5 V ±0.2 V) Applies to Military Temperature and MIL-STD-883B Temperature Only was
changed back to the data in v5.5.
2-38
v5.5
(February 2007)
VOH and VOL data was updated in Table 2-24 • DC Electrical Specifications (VDDP = 3.3 V ±0.3
V and VDD = 2.5 V ±0.2 V) Applies to Military Temperature and MIL-STD-883B Temperature
Only.
2-38
v5.4
(October 2006)
A statement about single cell and cascaded cell timing diagrams was added to the "Enclosed
Timing Diagrams – FIFO Mode:" section.
2-65
The following pins were updated in the "144-FBGA Pin" table:
Pin Number Updated Function
C2
I/O / GL1
F1
I/O / GL2
3-38
v5.3
The heading, MIL-STD-883B, and note 4 were added to the "Device Resources" table.
iii
(May 2006)
The "Temperature Grade Offerings" table was updated to include the military (M) temperature
grade in the following device/packages:
APA300-FG144
APA300-FG256
APA600-FG256
APA600-FG484
APA600-FG676
APA1000-FG896
iv
v5.2
90° and 270° phase shift support was removed from the datasheet.
N/A
(December 2005)
The "Ordering Information" section was updated to include RoHS information.
ii
The last paragraph of the "Boundary Scan (JTAG)" section was updated.
2-8
The Output Frequency Range in the "Timing Control and Characteristics" section.
2-10
The title for Table 2-19 • Military Temperature Grade Product Performance Retention was
updated.
2-32
The caption was updated in Figure 2-45 • FIFO Reset.
2-72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com