Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 171 Page - Actel Corporation

Part # APA150
Description  ProASIC Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 171 Page - Actel Corporation

Back Button APA150 Datasheet HTML 167Page - Actel Corporation APA150 Datasheet HTML 168Page - Actel Corporation APA150 Datasheet HTML 169Page - Actel Corporation APA150 Datasheet HTML 170Page - Actel Corporation APA150 Datasheet HTML 171Page - Actel Corporation APA150 Datasheet HTML 172Page - Actel Corporation APA150 Datasheet HTML 173Page - Actel Corporation APA150 Datasheet HTML 174Page - Actel Corporation APA150 Datasheet HTML 175Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
4-3
v4.1
(continued)
Figure 2-27 • JTAG Operation Timing is new.
2-53
Note 1 in Table 2-52 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial was
updated.
2-55
The notes in Table 2-56 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
were updated.
2-59
A note was added to Figure 2-45 • FIFO Reset.
2-72
A note was added to Table 2-68 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/
Industrial.
2-72
The "TRST Test Reset Input" section was updated in the "Pin Description" section.
2-73
The "624-Pin CCGA/LGA" section was updated for the APA600 and APA1000. Please review all
pin data.
3-78
v4.0
Figure 2-17 • Using the PLL for Clock Deskewing was updated.
2-16
Table 2-48 • Recommended Operating Conditions was updated.
2-52
The "1152-Pin FBGA" figure was updated.
3-69
Pin names were changed to more accurately reflect the multiple functions supported by each
pin.
v3.5
The ProASICPLUS and ProASICPLUS Military/Aerospace datasheets were combined. This
document now supports Commercial, Industrial, and Military Temperature devices.
Table 1 • ProASICPLUS Product Profile was updated.
i
The "Ordering Information" section was updated.
ii
"Plastic Device Resources" table was updated.
ii
The Long Term Jitter Peak-to-Peak Max. in the "PLL Electrical Specifications" table was updated.
2-18
The "Calculating Typical Power Dissipation" section was updated.
2-28
"Performance Retention" section
2-31
Table 2-19 • Military Temperature Grade Product Performance Retention
2-32
Table 2-21 • Recommended Operating Conditions was updated.
2-33
Table 2-22 • DC Electrical Specifications (VDDP = 2.5 V ±0.2V) was updated.
2-34
Table 2-24 • DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V) Applies
to Military Temperature and MIL-STD-883B Temperature Only was updated.
2-38
Table 2-48 • Recommended Operating Conditions was updated.
2-52
v3.4
The "Temperature Grade Offerings" table is new.
iv
The "Speed Grade and Temperature Matrix" table is new.
iv
The "ProASICPLUS Clock Management System" section was updated.
2-10
The "Lock Signal" section was updated.
2-13
The "PLL Electrical Specifications" table was updated.
2-18
The "User Security" section was updated.
2-20
The "Design Environment" section was updated.
2-25
Table 2-16 • Package Thermal Characteristics was updated.
2-27
The "Asynchronous FIFO Full and Empty Transitions" section was updated.
2-65
The "AVDD PLL Power Supply" section in the "Pin Description" section was updated.
2-73
v3.3
The "144-Pin TQFP" table was updated. The following pins changed:
Pin 15 = GLMX1
Pin 16 = GL1
Pin 21 = GL2
Pin 88 = GL3
Pin93 = GL4
Pin 94 = GLMX2
3-4
Previous version
Changes in current version (v5.9)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com