Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 175 Page - Actel Corporation

Part # APA150
Description  ProASIC Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 175 Page - Actel Corporation

Back Button APA150 Datasheet HTML 170Page - Actel Corporation APA150 Datasheet HTML 171Page - Actel Corporation APA150 Datasheet HTML 172Page - Actel Corporation APA150 Datasheet HTML 173Page - Actel Corporation APA150 Datasheet HTML 174Page - Actel Corporation APA150 Datasheet HTML 175Page - Actel Corporation APA150 Datasheet HTML 176Page - Actel Corporation APA150 Datasheet HTML 177Page - Actel Corporation APA150 Datasheet HTML 178Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 175 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
4-7
Advance v0.6
(continued)
The "Calculating Typical Power Dissipation" section was updated.
2-28
The "Absolute Maximum Ratings*" section was updated.
2-31
The "Programming, Storage, and Operating Limits" section was updated.
2-31
The "Nominal Supply Voltages’ section was updated.
1-34
The "Recommended Operating Conditions" section was updated.
2-33
The "DC Electrical Specifications (VDDP = 2.5 V ±0.2V)" section was updated.
2-34
The "DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V) Applies to
Military Temperature and MIL-STD-883B Temperature Only" section was updated.
2-38
The "Synchronous Write and Read to the Same Location" section was updated.
2-61
The "Asynchronous Write and Synchronous Read to the Same Location" section was updated.
2-62
The "Asynchronous FIFO Read" section was updated.
2-67
The "Pin Description" section has been updated.
2-73
The "Recommended Design Practice for VPN/VPP" section is new.
2-74
The "100-Pin TQFP" section is new.
3-1
The "484-Pin FBGA" section is new.
3-45
Advance v0.5
The description for the VPN pin has changed.
2-74
Advance v0.4
The "Plastic Device Resources" section has been updated.
ii
Figure 2-9 • ProASICPLUS JTAG Boundary Scan Test Logic Circuit and Figure 2-10 • TAP
Controller State Diagram have been updated.
2-11
The "Tristate Buffer Delays" section has been updated.
2-42
The "Output Buffer Delays" section has been updated.
2-44
The "Input Buffer Delays" section has been updated.
2-46
The "Global Input Buffer Delays" section has been updated.
2-48
The "456-Pin PBGA" section has been updated.
3-22
The "676-Pin FBGA" section has been updated.
3-51
Advance v0.3
The "ProASICPLUS Product Profile" section has been changed.
i
The "Plastic Device Resources" section has been updated.
ii
The "ProASICPLUS I/O Power Supply Voltages" sectionhas been updated.
2-6
WDATA has ben changed to DI, and RDATA has been changed to DO to make them consistent
with the signal names found in the Macro Library Guide.
Figure 2-18 • Example SRAM Block Diagrams and Figure 2-19 • Basic FIFO Block Diagrams
have been updated.
2-22
and 2-23
The "Design Environment" section and Figure 2-23 • Tristate Buffer Delays have been
updated.
2-25
and 2-42
The table in the "Package Thermal Characteristics" section has been updated.
2-27
The "Calculating Typical Power Dissipation" section is new.
2-28
The "Programming, Storage, and Operating Limits" section is new.
2-31
The "Nominal Supply Voltages’ section has been updated.
1-34
The "DC Electrical Specifications (VDDP = 2.5 V ±0.2V)" section was updated.
2-34
The "DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V) Applies to
Military Temperature and MIL-STD-883B Temperature Only" section was updated.
2-38
The "Recommended Operating Conditions" section was updated.
2-33
The "ProASICPLUS Clock Management System" section was updated.
2-10
Figure 2-11 • PLL Block – Top-Level View and Detailed PLL Block Diagram was updated.
2-11
Figure 2-10 • TAP Controller State Diagram is new.
2-9
Tables 5, 6, and 7 from Advanced v0.3 were removed.
Previous version
Changes in current version (v5.9)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com