Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 170 Page - Actel Corporation

Part # APA150
Description  ProASIC Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 170 Page - Actel Corporation

Back Button APA150 Datasheet HTML 166Page - Actel Corporation APA150 Datasheet HTML 167Page - Actel Corporation APA150 Datasheet HTML 168Page - Actel Corporation APA150 Datasheet HTML 169Page - Actel Corporation APA150 Datasheet HTML 170Page - Actel Corporation APA150 Datasheet HTML 171Page - Actel Corporation APA150 Datasheet HTML 172Page - Actel Corporation APA150 Datasheet HTML 173Page - Actel Corporation APA150 Datasheet HTML 174Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 178 page
background image
ProASICPLUS Flash Family FPGAs
4- 2
v5.9
v5.1
MIL-STD-883 was added to the datasheet.
N/A
VCC and VCCI were changed to VDDP.
N/A
Table 2-9 • Temperature and Voltage Derating Factors was updated to include 135°C.
2-17
v5.0
In the "208-Pin PQFP" table, the following pin numbers have been updated:
Pin Number
Function
24
I/O / GL2
30
I/O / GL1
3-6
In the "208-Pin CQFP" table, the following pin numbers have been updated:
Pin Number
Function
23
I/O / GLMX1
24
I/O / GL2
28
PPECL1 / Input
30
I/O / GL1
128
I/O / GL3
129
PPECL2 / Input
134
I/O / GL4
135
I/O / GLMX2
3-13
v4.1
In the "624-Pin CCGA/LGA" table, the following pin numbers have been updated:
Pin Number
Function
M6
I/O / GL2
M7
I/O / GLMX1
M19
I/O / GLMX2
M20
I/O / GL4
N5
PPECL1 / Input
N6
I/O / GL1
N20
I/O / GL3
N21
PPECL2 / Input
3-79
MIL-STD 883B data will be added into this datasheet after the MIL-STD 883B qualification is
complete.
Green packaging information in the "Ordering Information" section was updated.
ii
The "Temperature Grade Offerings" table was updated for the CG624.
iv
The "Ordering Information" section was updated.
ii
The "Live at Power-Up" section is new.
1-3
Note 2 in Figure 2-1 • Ultra-Fast Local Resources was updated.
2-1
The 3.3 V column in Table 2-3 was updated.
2-6
The "Input/Output Blocks" section was updated.
2-6
The note was removed from Table 2-4 • I/O Features.
2-6
The "Power-Up Sequencing" section was updated.
2-7
The first bullet in the "ProASICPLUS Clock Management System" section was updated.
2-10
The first paragraph in the "Performance Retention" section was updated.
2-31
Mixed Voltage was removed from Table 2-20 • Recommended Maximum Operating
Conditions Programming and PLL Supplies.
2-33
Table 2-21 • Recommended Operating Conditions was updated.
2-33
Mixed Mode Voltage was removed from Table 2-22 and the Military/MIL-STD-883B column was
updated.
2-34
All tables from Table 2-27 • Worst-Case Commercial Conditions to Table 2-47 • Worst-Case
Military Conditions1 were updated.
2-42 to
2-51
Table 2-50 • JTAG Switching Characteristics is new.
2-53
Previous version
Changes in current version (v5.9)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com