Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 172 Page - Actel Corporation

Part # APA150
Description  ProASIC Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 172 Page - Actel Corporation

Back Button APA150 Datasheet HTML 168Page - Actel Corporation APA150 Datasheet HTML 169Page - Actel Corporation APA150 Datasheet HTML 170Page - Actel Corporation APA150 Datasheet HTML 171Page - Actel Corporation APA150 Datasheet HTML 172Page - Actel Corporation APA150 Datasheet HTML 173Page - Actel Corporation APA150 Datasheet HTML 174Page - Actel Corporation APA150 Datasheet HTML 175Page - Actel Corporation APA150 Datasheet HTML 176Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 178 page
background image
ProASICPLUS Flash Family FPGAs
4- 4
v5.9
v3.2
The "ProASICPLUS Clock Management System" section was updated.
2-10
Figure 2-11 • PLL Block – Top-Level View and Detailed PLL Block Diagram was updated.
2-11
Table 2-7 • Clock-Conditioning Circuitry MUX Settings is new.
2-12
Figure 2-17 • Using the PLL for Clock Deskewing was updated.
2-16
The "PLL Electrical Specifications" section was updated.
2-18
Figure 2-23 • Tristate Buffer Delays was updated.
2-42
In the "Calculating Typical Power Dissipation" section, P9 was changed to 7.5 mW.
2-28
The "Programming, Storage, and Operating Limits" section was updated.
2-31
The "Recommended Design Practice for VPN/VPP" section was updated.
2-74
v3.1
The datasheet was updated to include references to guidelines concerning the use of certain
ProASICPLUS I/O standards.
v3.0
In Table 2-2 • Array Coordinates, the Memory Rows – Bottom coordinates were changed.
2-5
Figure 2-5 • Core Cell Coordinates for the APA1000 was updated.
2-5
The VIL Minimum in the Table 2-24 • DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD
= 2.5 V ±0.2 V) Applies to Military Temperature and MIL-STD-883B Temperature Only was
changed from 0.3 to –0.3.
2-38
In the "Output Buffer Delays" section, the OB25LPLL tDHL Standard changed to 5.3.
2-44
In the "Sample Macrocell Library Listing" section, the AND2 Standard maximum changed to 0.7
and the –F maximum changed to 0.8.
2-51
v2.0
The Table 1 • ProASICPLUS Product Profile was updated.
i
The "Ordering Information" section was updated.
ii
The "Plastic Device Resources" section was updated.
ii
The "ProASICPLUS Architecture" section was updated.
1-2
Table 2-2 • Array Coordinates was updated.
2-5
Figure 2-5 • Core Cell Coordinates for the APA1000 is new.
2-13
Figure 2-8 • LVPECL High and Low Threshold Values is new.
2-7
The Introduction section in the "ProASICPLUS Clock Management System" section was updated.
2-10
The "Physical Implementation" section was updated.
2-10
The "Functional Description" section was updated.
2-10
Figure 2-11 • PLL Block – Top-Level View and Detailed PLL Block Diagram through Figure 2-
17 • Using the PLL for Clock Deskewing were updated.
2-11 to 2-16
The "PLL Electrical Specifications" section was updated.
2-18
Figure 2-22 • Multi-Port Memory Usage was updated.
2-24
The "Calculating Typical Power Dissipation" section was updated.
2-28
The "Nominal Supply Voltages’ section was updated.
1-34
The Table 2-24 • DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V)
Applies to Military Temperature and MIL-STD-883B Temperature Only was updated.
2-38
The "Tristate Buffer Delays" section was updated.
2-42
The "Output Buffer Delays" section was updated.
2-44
The"Input Buffer Delays" section was updated.
2-46
"Global Routing Skew" section was updated.
2-50
The"Sample Macrocell Library Listing" section was updated.
2-51
The "Pin Description" section was updated.
2-73
Previous version
Changes in current version (v5.9)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com