Electronic Components Datasheet Search
  English  ▼

X  

AD9642 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9642
Description  High IF Sampling Receiver Front End with Band-Pass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 1 Page - Analog Devices

  AD9642 Datasheet HTML 1Page - Analog Devices AD9642 Datasheet HTML 2Page - Analog Devices AD9642 Datasheet HTML 3Page - Analog Devices AD9642 Datasheet HTML 4Page - Analog Devices AD9642 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0279
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easysystemintegrationto helpsolve today’s
analog, mixed-signal, and RF design challenges. For more
informationand/orsupport, visit www.analog.com/CN0279.
Devices Connected/Referenced
AD9642
14-Bit, 250 MSPS Analog-to-Digital Converter
ADL5565
6 GHz Ultrahigh Dynamic Range Differential
Amplifier
High IF Sampling Receiver Front End with Band-Pass Filter
Rev. 0
Circuitsfromthe Lab™circuitsfromAnalog Deviceshave been designedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit, shown in Figure 1, is a narrow, band-pass receiver
front end based on the ADL5565 ultralow noise differential
amplifier driver and the AD9642 14-bit, 250 MSPS analog-to-
digital converter (ADC).
The third-order, Butterworth antialiasing filter is optimized based
on the performance and interface requirements of the amplifier
and ADC. The total insertion loss due to the filter network and
other components is only 5.8 dB.
The overall circuit has a bandwidth of 18 MHz with a pass-band
flatness of 3 dB. The signal-to-noise ratio (SNR) and spurious-
free dynamic range (SFDR) measured with a 127 MHz analog
input are 71.7 dBFS and 92 dBc, respectively. The sampling
frequency is 205 MSPS, thereby positioning the IF input signal
in the second Nyquist zone between 102.5 MHz and 205 MHz.
CIRCUIT DESCRIPTION
The circuit accepts a single-ended input and converts it to
differential input using a wide bandwidth (3 GHz) Mini-Circuits
TC2-1T 1:2 transformer. The 6 GHz ADL5565 differential
amplifier has a differential input impedance of 200 Ω when
operating at a gain of 6 dB, and 100 Ω when operating at a
gain of 12 dB. A gain option of 15.5 dB is also available.
The ADL5565 is an ideal driver for the AD9642, and the fully
differential architecture through the band-pass filter and into
the ADC provides good high frequency common-mode rejection,
as well as minimizes second-order distortion products. The
ADL5565 provides a gain of 6 dB or 12 dB, depending on the input
connection. In the circuit, a gain of 12 dB was used to compensate
for the insertion loss of the filter network and transformer
(approximately 5.8 dB), providing an overall signal gain of 5.5 dB.
Figure 1. 14-Bit, 250 MSPS Wideband Receiver Front End (Simplified Schematic: All Connections and Decoupling Not Shown)
Gains, Losses, and Signal Levels Measured Values for an Input Frequency of 127 MHz
0.1µF
0.1µF
0.1µF
33pF
36nH
0.1µF
ADL5565
G = 12dB
2.5pF
XFMR
1:2 Z
TC2-1T
INPUT
Z = 50Ω
ZI = 100Ω
INTERNAL
INPUT Z
AD9642
14-BIT
205MSPS
ADC
620nH
5Ω
5Ω
187Ω
40Ω
217Ω
+3.3V
+1.8V
DRVDD
+1.8V
AVDD
5.6dB LOSS
0.2dB LOSS
5.8dB LOSS
11.8dB GAIN
FS = 1.75V
p-p DIFF
620nH
0.5dB LOSS
ANALOG
INPUT
+1.5dBm FS
AT 127MHz
OVERALL
GAIN = 5.5dB
100Ω
100Ω
0.1µF
5Ω
5Ω
15Ω
15Ω
2.85kΩ
1.2pF
1.2pF
33pF
VCM
36nH
VIP2
VIN2
VIP1
VIN1


Similar Part No. - AD9642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter (ADC)
23-Feb-2017
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter (ADC)
23-Feb-2017
More results

Similar Description - AD9642

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DRP3510 ETC-DRP3510 Datasheet
450Kb / 30P
Digital Receiver Front-end
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
STMicroelectronics
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
AM/FM car radio Front-End receiver for IF sampling tuners
28-Jun-2006
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
RF front-end for AM/FM-DSP car radios with IF sampling
24-Nov-2006
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
RF front-end for AM/FM DSP car-radio with IF sampling
17-Dec-2009
logo
Analog Devices
CN-0268 AD-CN-0268 Datasheet
301Kb / 6P
Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit, 250 MSPS Receiver Front End
REV. 0
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
logo
Advanced Crystal Techno...
ACTF2068 ACT-ACTF2068 Datasheet
330Kb / 2P
IF band pass filter
ACTF2088 ACT-ACTF2088 Datasheet
338Kb / 2P
IF band pass filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com