Electronic Components Datasheet Search
  English  ▼

X  

AD9642 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9642
Description  High IF Sampling Receiver Front End with Band-Pass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 3 Page - Analog Devices

  AD9642 Datasheet HTML 1Page - Analog Devices AD9642 Datasheet HTML 2Page - Analog Devices AD9642 Datasheet HTML 3Page - Analog Devices AD9642 Datasheet HTML 4Page - Analog Devices AD9642 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0279
Rev. 0 | Page 3 of 5
Figure 5. Generalized Differential Amplifier/ADC Interface with Band-Pass Filter
Filter and Interface Design Procedure
In this section, a general approach to the design of the amplifier/
ADC interface with a band-pass filter is presented. To achieve
optimum performance (bandwidth, SNR, and SFDR), there are
certain design constraints placed on the general circuit by the
amplifier and the ADC.
1. The amplifier must see the correct dc load recommended
by the data sheet for optimum performance.
2. The correct amount of series resistance must be used between
the amplifier and the load presented by the filter. This is to
prevent undesired peaking in the pass band.
3. The input to the ADC must be reduced by external parallel
resistors, and the correct series resistance must be used to
isolate the ADC from the filter. This series resistor also
reduces peaking.
The generalized circuit shown in Figure 5 applies to most high
speed differential amplifier/ADC interfaces and was used as a
basis for the band-pass filter. This design approach tends to
minimize the insertion loss of the filter by taking advantage of
the relatively high input impedance of most high speed ADCs
and the relatively low impedance of the driving source (amplifier).
The basic design process is as follows:
1. Set the external ADC termination resistors, RTADC, so that
the parallel combination of RTADC and RADC is between
200 Ω and 400 Ω.
2. Select RKB based on experience and/or the ADC data sheet
recommendations, typically between 5 Ω and 36 Ω.
3. Calculate the filter load impedance using
ZAAFL = 2RTADC || (RADC + 2RKB)
4. Select the amplifier external series resistor, RA. Make RA
less than 10 Ω if the amplifier differential output impedance
is 100 Ω to 200 Ω. Make RA between 5 Ω and 36 Ω if the
output impedance of the amplifier is 12 Ω or less.
5. Select ZAAFL so that the total load seen by the amplifier, ZAL,
is optimum for the particular differential amplifier chosen
using the following equation:
ZAL = 2RA + ZAAFL
6. Calculate the filter source resistance by
ZAAFS = ZO + 2RA
7. Using a filter design program or tables design the filter
using the source and load impedances, ZAAFS and ZAAFL, type
of filter, bandwidth, and order. Use a bandwidth that is about
10% higher than the desired bandwidth of the application
pass band to ensure flatness in the frequency span.
After running these preliminary calculations, the circuit must
be given a quick review for the following items.
1. The value of CAAF3 must be at least 10 pF so that it is several
times larger than CADC. This minimizes the sensitivity of
the filter to variations in CADC.
2. The ratio of ZAAFL to ZAAFS must not be more than about 7 so
that the filter is within the limits of most filter tables and
design programs.
3. The value of CAAF1 must be at least 5 pF to minimize sensitivity
to parasitic capacitance and component variations.
4. The inductor, LAAF, must be a reasonable value of at least
several nH.
5. The value of CAFF2 and LAAF1 must be reasonable values.
Sometimes circuit simulators can make these values too
low or too high. To make these values more reasonable,
simply ratio these values with better standard value
components that maintain the same resonant frequency.
In some cases, the filter design program can provide more than
one unique solution, especially with higher order filters. The
solution that uses the most reasonable set of component values
should always be chosen. Also, choose a configuration that ends
in a shunt capacitor so that it can be combined with the ADC
input capacitance.
0.1µF
0.1µF
0.1µF
CAAF1
CAAF2
CAAF2
LAAF
LAAF1
LAAF1
LAAF
0.1µF
GAIN
CADC
XFMR
1:2 Z
INPUT
Z = 50Ω
INTERNAL
INPUT Z
ADC
INTERNAL
INPUT Z
ZO/2
ZO/2
ZAAFL
ZAAFS
ZAL
AVDD_AMP
DRVDD
AVDD
ANALOG
INPUT
Z = RI/2
RTADC
RTADC
0.1µF
RKB
RKB
RA
RI
RA
RADC
CAAF3
VCM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com