Electronic Components Datasheet Search
  English  ▼

X  

31397 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 31397
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31397 Datasheet(HTML) 1 Page - Tyco Electronics

  31397 Datasheet HTML 1Page - Tyco Electronics 31397 Datasheet HTML 2Page - Tyco Electronics 31397 Datasheet HTML 3Page - Tyco Electronics 31397 Datasheet HTML 4Page - Tyco Electronics 31397 Datasheet HTML 5Page - Tyco Electronics 31397 Datasheet HTML 6Page - Tyco Electronics 31397 Datasheet HTML 7Page - Tyco Electronics 31397 Datasheet HTML 8Page - Tyco Electronics 31397 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
1
Product Facts
s
SOLISTRAND
Terminals and Splices
s
Utilize a brazed seam
s
Applied with “W” crimp
tooling
s
Available in wire sizes
26 AWG – 600 MCM
[0.1–304 mm2]
s
For terminating solid
& stranded wires
s
U.L. Listed
CSA Certified
Military Approved
s
Budget
Terminals and Splices
s
Utilize a butted seam
s
Applied with “F” crimp
tooling
s
Availble in wire
sizes 26 – 10 AWG
[0.1–6.64 mm2]
s
For terminating stranded
wire only
s
U.L. Listed
s
DIAMOND GRIP
Terminals and Splices
s
Utilize a butted seam
s
Metal insulation support
sleeve with “V” notches
s
Applied with a “C” crimp
s
Available in wire sizes
26-10 AWG (0.1-6.64 mm2)
s
For terminating stranded
wire only
s
U.L. Listed
CSA Certified
SOLISTRAND and Budget
terminals and splices are
specially designed to termi-
nate solid and stranded
wire, irregular shaped con-
ductors, and combinations
of these — retaining the
superior performance char-
acteristics of single-purpose
terminals and splices.
Corrosion resistance, vibra-
tion resistance and tensile
strength of these terminals
and splices are well within
the limits of commercial and
military specifications.
The Budget terminal is
primarily the same as the
SOLISTRAND terminals
without the brazed seam
in the wire barrel. These
terminals and splices fulfill
the need for an economical
and electrically superior ter-
mination where extreme
vibration and tension on the
wires are not present.
DIAMOND GRIP utilizes a
tin plated copper insulation
support sleeve with “V”
notches. The sleeve elimi-
nates fraying of the insula-
tion or breaking of the con-
ductor. The “V” notches
lock the wire insulation
against vibration and
pullout.
Need more information?
Call the AMP Technical
Support Center:
1-800-522-6752
The Technical Support
Center is staffed with spe-
cialists well versed in all
AMP Products. The Center
can provide you with:
s
Technical Support
s
Catalogs
s
Technical Documents
s
Product Samples
s
AMP Authorized
Distributor Locations
© Copyright 1994, 1996 and 2000 by
AMP Incorporated, Harrisburg, PA.
All Rights Reserved.
AMP, AMPOMATOR, AMP-O-LECTRIC,
AMP-TAPETRONIC, CERTI-CRIMP,
DIAMOND GRIP, PRO-CRIMPER II,
SOLISTRAND, TAPETRONIC and
DYNA-CRIMP are trademarks.


Similar Part No. - 31397

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3139 ETC2-3139 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3139 KR-3139 Datasheet
105Kb / 3P
30 MHz Bandpass Filter
logo
List of Unclassifed Man...
3139 ETC2-3139 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3139 HEYCO-3139 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Keystone Electronics Co...
3139 KEYSTONE-3139 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 31397

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
34227 MACOM-34227 Datasheet
45Kb / 1P
SPLICE, BUTT, STANDARD, BUDGET
34320 MACOM-34320 Datasheet
81Kb / 1P
SPLICE, PARALLEL, SOLISTRAND
34101 MACOM-34101 Datasheet
40Kb / 1P
WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
321684 MACOM-321684 Datasheet
48Kb / 1P
SOLISTRAND, Uninsulated Terminals and Splices
logo
List of Unclassifed Man...
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
Diamond Bonding and Grounding Hardware
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
SOLISTRAND Crimping Dies
PIDG TEC-PIDG Datasheet
1Mb / 24P
Pre-Insulated Diamond Grip
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com