Electronic Components Datasheet Search
  English  ▼

X  

31397 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 31397
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31397 Datasheet(HTML) 4 Page - Tyco Electronics

  31397 Datasheet HTML 1Page - Tyco Electronics 31397 Datasheet HTML 2Page - Tyco Electronics 31397 Datasheet HTML 3Page - Tyco Electronics 31397 Datasheet HTML 4Page - Tyco Electronics 31397 Datasheet HTML 5Page - Tyco Electronics 31397 Datasheet HTML 6Page - Tyco Electronics 31397 Datasheet HTML 7Page - Tyco Electronics 31397 Datasheet HTML 8Page - Tyco Electronics 31397 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
Table listing: Circular Mil Area for common wire sizes
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
4
Computing Circular
Mil Area
For best results, the proper
AMP terminal or splice must be
selected not by the “fit” of wire or
wires in the terminal barrel, but
by the total circular mil area in
cross section of the wires used.
For this purpose AMP has pre-
pared convenient tables to assist
in the calculation of circular mil
areas. When the totals are
known, the proper AMP terminal
or splice can be determined
quickly.
Unusual combinations or special
applications should be submitted
to AMP engineering department
for size recommendation. In any
application, the careful selection
of terminals by the circular mil
area method will insure the high-
est possible performance, both
electrically and mechanically, in
your AMP terminations.
Example of multiple wire
configurations used in one
termination
ALWAYS SELECT TERMINALS
BY THE CIRCULAR MIL AREA
METHOD. For example, a No.
18 AWG 16-strand conductor
(1600 CMA) and a No. 16 AWG
19-strand conductor (2426
CMA) will have a combined total
of 4026 CMA. This total CMA is
equivalent to a No. 14 AWG
conductor.
Wire Sizes in AWG
and mm2 to CMA
Note: The following tables are
applicable to single and
multiple strand, round,
conductors only.
Nominal
Strands
Approximate
CMA
Wire Size
No.
Diameter
Conductor Diameter
AWG
mm2
Inch
mm
Inch
mm
3.8
44
0.002
1
0.00195
0.050
0.002
0.051
4.0
44
0.002
1
0.002
0.051
0.002
0.051
4.8
43
0.002
1
0.0022
0.056
0.0022
0.056
6.3
42
0.003
1
0.0025
0.064
0.0025
0.064
7.8
41
0.004
1
0.0028
0.071
0.0028
0.071
9.6
40
0.005
1
0.0031
0.079
0.0031
0.079
12.3
39
0.006
1
0.0035
0.089
0.0035
0.089
15.2
38
0.008
1
0.0039
0.099
0.0039
0.099
16.0
38
0.008
1
0.004
0.102
0.004
0.102
20.2
37
0.010
1
0.0045
0.114
0.0045
0.114
25.0
36
0.013
1
0.005
0.127
0.005
0.127
31.4
35
0.016
1
0.0056
0.142
0.0056
0.142
39.7
34
0.020
1
0.0063
0.160
0.0063
0.160
50.0
33
0.025
1
0.00707
0.180
0.0071
0.180
50.4
33
0.026
1
0.0071
0.180
0.0071
0.180
64.0
32
0.032
1
0.008
0.203
0.008
0.203
79.2
31
0.040
1
0.0089
0.226
0.0089
0.226
100.0
30
0.051
1
0.01
0.254
0.01
0.254
104.0
30
0.053
26
0.002
0.051
0.012
0.305
127.7
29
0.064
1
0.0113
0.287
0.011
0.279
152.1
29
0.077
10
0.0039
0.099
0.013
0.330
158.8
29
0.080
1
0.0126
0.320
0.013
0.330
175.0
28
0.089
7
0.005
0.127
0.015
0.381
182.6
28
0.093
19
0.0031
0.079
0.016
0.406
202
27
0.102
1
0.0142
0.361
0.014
0.356
204
27
0.103
51
0.002
0.051
0.016
0.406
238
26
0.121
6
0.0063
0.160
0.018
0.457
250
26
0.127
26
0.0031
0.079
0.018
0.457
250
26
0.127
10
0.005
0.127
0.018
0.457
251
26
0.127
8
0.0056
0.142
0.018
0.457
253
26
0.128
1
0.0159
0.404
0.016
0.406
256
26
0.130
16
0.004
0.102
0.018
0.457
274
26
0.139
18
0.0039
0.099
0.022
0.558
278
26
0.141
7
0.0063
0.160
0.019
0.483
288
26
0.146
72
0.002
0.051
0.022
0.559
300
26
0.152
3
0.01
0.254
0.02
0.508
304
26
0.154
19
0.004
0.102
0.02
0.508
313
25
0.159
1
0.0177
0.450
0.018
0.457
314
25
0.159
10
0.0056
0.142
0.02
0.508
318
25
0.161
8
0.0063
0.160
0.021
0.533
320
25
0.162
1
0.0179
0.455
0.018
0.457
388
24
0.197
1
0.0197
0.500
0.02
0.508
397
24
0.201
10
0.0063
0.160
0.023
0.584
400
24
0.203
16
0.005
0.127
0.023
0.584
400
24
0.203
4
0.01
0.254
0.023
0.584
403
24
0.204
8
0.0071
0.180
0.023
0.584
404
24
0.205
1
0.0201
0.511
0.02
0.508
408
24
0.207
13
0.0056
0.142
0.023
0.584
408
24
0.207
102
0.002
0.051
0.02
0.508
475
24
0.241
19
0.005
0.127
0.023
0.584
634
22
0.321
8
0.0089
0.226
0.029
0.737
635
22
0.322
16
0.0063
0.160
0.029
0.737
640
22
0.324
10
0.008
0.203
0.029
0.737
640
22
0.324
1
0.0253
0.643
0.025
0.635
650
22
0.329
26
0.005
0.127
0.033
0.838
700
22
0.355
7
0.01
0.254
0.03
0.762
754
22
0.382
19
0.0063
0.160
0.033
0.838
812
21
0.411
1
0.0285
0.724
0.029
0.737
992
20
0.503
1
0.0315
0.800
0.032
0.813
1000
20
0.507
10
0.01
0.254
0.038
0.965
1008
20
0.511
20
0.0071
0.180
0.039
0.991
1024
20
0.519
16
0.008
0.203
0.039
0.991
1024
20
0.519
1
0.032
0.813
0.032
0.813
1024
20
0.519
256
0.002
0.051
0.039
0.991
1025
20
0.519
41
0.005
0.127
0.038
0.965
1032
20
0.523
26
0.0063
0.160
0.039
0.991
1111
20
0.563
7
0.0126
0.320
0.039
0.991
1186
20
0.601
19
0.0079
0.201
0.041
1.041
1289
19
0.653
1
0.0359
0.912
0.036
0.914
1492
18.5
0.756
7
0.0146
0.371
0.047
1.194
1512
18.5
0.766
30
0.0071
0.180
0.047
1.194
1536
18.5
0.778
384
0.002
0.051
0.047
1.194
1536
18.5
0.778
24
0.008
0.203
0.047
1.194
1600
18
0.811
16
0.01
0.254
0.049
1.245
1608
18
0.815
19
0.0092
0.234
0.049
1.245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com