Electronic Components Datasheet Search
  English  ▼

X  

31397 Datasheet(PDF) 32 Page - Tyco Electronics

Part # 31397
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31397 Datasheet(HTML) 32 Page - Tyco Electronics

Back Button 31397 Datasheet HTML 28Page - Tyco Electronics 31397 Datasheet HTML 29Page - Tyco Electronics 31397 Datasheet HTML 30Page - Tyco Electronics 31397 Datasheet HTML 31Page - Tyco Electronics 31397 Datasheet HTML 32Page - Tyco Electronics 31397 Datasheet HTML 33Page - Tyco Electronics 31397 Datasheet HTML 34Page - Tyco Electronics 31397 Datasheet HTML 35Page - Tyco Electronics 31397 Datasheet HTML 36Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
32
Hook Tongue Terminals
Wire Size
Dimensions
Material
Wire Barrel I.D. Min.
Part Numbers
Circular Mils
Stud
L
E
C
W
Thickness
Solistrand
Budget
Solistrand
Budget
[mm2]
Size
Max.
Max.
Min.
Max.
22–16
6
.530
.384
.203
.281
.033
—
.065
—
34261
509–3,260
M3.5
13.46
9.75
5.16
7.14
0.84
1.65
[0.26–1.65]
8
.656
.482
.296
.343
.033
—
.065
—
31628
M4
16.66
12.24
7.52
8.71
0.84
1.65
6
.636
.462
.281
.343
.033
—
.089
—
35212
M3.5
16.15
11.73
7.14
8.71
0.84
2.26
16–14
8
.636
.462
.281
.343
.033
—
.089
—
32503
2,050–5,180
M4
16.15
11.73
7.14
8.71
0.84
2.26
[1.04–2.62]
10
.636
.462
.281
.343
.033
—
.089
—
33437
16.15
11.73
7.14
8.71
0.84
2.26
12–10
10
.760
.570
.302
.375
.042
.129
.134
2-324209-0
327902
5,180–13,100
19.30
14.48
7.67
9.53
1.07
3.28
3.40
2-324209-1
[2.62–6.64]
1/4
1.004
.736
.468
.531
.042
.129
.134
2-321632-0
327905
M6
25.50
18.69
11.89
13.49
1.07
3.28
3.40
2-321632-1
Note: Part numbers are shown as loose piece over tape mounted product.
Wire Size Range
AWG 22 to 10,
CMA 509 to 13,100
[0.26 to 6.64 mm2]
Material
Terminal Body— Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
Wire Size Range
AWG 22 to 8,
CMA 509 to 20,800
[0.26 to 10.5 mm2]
Material
Terminal Body— Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
A
B
Tab Tongue Terminals
Wire Size
Dimensions
Material
Wire Barrel I.D. Min.
Part Numbers
Circular Mils
Style
L
E
W
Thickness
Solistrand
Solistrand
[mm2]
Max.
Max.
Max.
22–16
.681
.500
.125
.033
.061
509–3,260
A
17.30
12.70
3.18
0.84
1.55
323135
[0.26–1.65]
16–14 HD1
2,050–5,180
B
.863
.615
.125
.050
.105
322441
[1.04–2.62]
21.92
15.62
3.18
1.27
2.67
12–10
.863
.613
.125
.042
.129
5,180–13,100
B
21.92
15.57
3.18
1.07
3.28
322443
[2.62–6.64]
8
.937
.625
.221
.051
.177
13,100–20,800
B
23.80
15.88
5.61
1.30
4.50
322445
[6.64–10.5]
1
Heavy Duty for extra mechanical strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com