Electronic Components Datasheet Search
  English  ▼

X  

BDT82 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDT82
Description  SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT82 Datasheet(HTML) 1 Page - Comset Semiconductor

  BDT82 Datasheet HTML 1Page - Comset Semiconductor BDT82 Datasheet HTML 2Page - Comset Semiconductor BDT82 Datasheet HTML 3Page - Comset Semiconductor BDT82 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
 
PNP BDT82 – BDT84 – BDT86 – BDT88
09/11/2012
COMSET SEMICONDUCTORS
1 | 4
 
SILICON POWER TRANSISTORS
The BDT82 – BDT84 – BDT86 – BDT88 are epitaxial base transistors in a TO-220 plastic
envelope.
They are intended for use in audio output stages and general amplifier and switching
appications.
NPN complements are BDT81 – BDT83 – BDT85 – BDT87.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
-IB = 0
BDT82
-60
V
BDT84
-80
BDT86
-100
BDT88
-120
VCBO
Collector-Base Voltage
-IE = 0
BDT82
-60
V
BDT84
-80
BDT86
-100
BDT88
-120
VEBO
Emitter-Base Voltage
-IC = 0
-7
V
IC
Collector Current
-15
A
ICM
Collector Peak Current
-20
A
IB
Base Current
-4
A
Pt
Total Power Dissipation
@ TC = 25°
125
W
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJa
Thermal Resistance, Junction to Ambient
70
K/W
RthJmb
Thermal Resistance, Junction to Mounting Base
1
K/W


Similar Part No. - BDT82

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82 ISC-BDT82 Datasheet
116Kb / 2P
isc Silicon PNP Power Transistors
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDT82 NJSEMI-BDT82 Datasheet
129Kb / 2P
Silicon PNP Power Transistors
logo
Comset Semiconductor
BDT82. COMSET-BDT82. Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
More results

Similar Description - BDT82

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
Silicon Power Transistors
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Quanzhou Jinmei Electro...
2SC3979 JMNIC-2SC3979 Datasheet
152Kb / 3P
Silicon Power Transistors
2SC4941 JMNIC-2SC4941 Datasheet
86Kb / 3P
Silicon Power Transistors
logo
ON Semiconductor
MJ21193 ONSEMI-MJ21193_09 Datasheet
163Kb / 6P
Silicon Power Transistors
April, 2009 ??Rev. 5
MJW21193 ONSEMI-MJW21193_10 Datasheet
151Kb / 7P
Silicon Power Transistors
March, 2010 ??Rev. 4
logo
Comset Semiconductor
BD743 COMSET-BD743 Datasheet
108Kb / 4P
SILICON POWER TRANSISTORS
MJE13007 COMSET-MJE13007 Datasheet
101Kb / 3P
SILICON POWER TRANSISTORS
TIP35 COMSET-TIP35 Datasheet
81Kb / 4P
SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com