Electronic Components Datasheet Search
  English  ▼

X  

DF61 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF61
Description  Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61 Datasheet(HTML) 6 Page - Hirose Electric

  DF61 Datasheet HTML 1Page - Hirose Electric DF61 Datasheet HTML 2Page - Hirose Electric DF61 Datasheet HTML 3Page - Hirose Electric DF61 Datasheet HTML 4Page - Hirose Electric DF61 Datasheet HTML 5Page - Hirose Electric DF61 Datasheet HTML 6Page - Hirose Electric DF61 Datasheet HTML 7Page - Hirose Electric DF61 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DF61 Series●Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
■
Crimp contact
3.2
1.4
5
0.15
1.07
0.92
1.15
Product Number
HRS No.
Type
Quantity
Treatment
DF61-2628SCF
CL666-5005-2-00
Reel contact 18,000 contacts per reel
Tin plated
DF61-2226SCF (41)
CL666-5004-0-41
Reel contact 18,000 contacts per reel
Tin plated
(Note1) Please order in full reel quantities. (1 reel = 18,000 pcs.).
Conductor Size
Coating Diameter
AWG# 26-28
Ø 0.7mm - 1.1mm
AWG# 22-26
Ø 1.0mm - 1.3mm
Note: Please consult with our a Hirose sales representative when using wires other than those recommended below.
●
Applicable wires: UL10368 AWG#22, AWG#24, AWG#26, AWG#28
●
Strip Length 1.3 - 1.7mm
●
Applicable Wire (Tin plated soft copper wire)
■
Applicable Crimping Tools
Types
Product Number
HRS No.
Applicable Contact
Applicator
AP105-DF61-2628S
CL901-4632-6-00
DF61-2628SCF
AP105-DF61-2226S
CL901-4621-0-00
DF61-2226SCF
Press Unit
CM-105
CL901-0005-4-00
----------------------
Hand Tool
HT305/DF61-2628S
CL550-0305-5-00
DF61-2628SCF
HT305/DF61-2226S
CL550-0304-2-00
DF61-2226SCF
Extraction Tool
DF-C-PO(B)
CL550-0179-2-00
DF61-2628SCF, DF61-2226SCF
Note: Problems resulting from the use of non-authorized tools will not be warranted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com