Electronic Components Datasheet Search
  English  ▼

X  

DF61 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF61
Description  Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61 Datasheet(HTML) 7 Page - Hirose Electric

  DF61 Datasheet HTML 1Page - Hirose Electric DF61 Datasheet HTML 2Page - Hirose Electric DF61 Datasheet HTML 3Page - Hirose Electric DF61 Datasheet HTML 4Page - Hirose Electric DF61 Datasheet HTML 5Page - Hirose Electric DF61 Datasheet HTML 6Page - Hirose Electric DF61 Datasheet HTML 7Page - Hirose Electric DF61 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DF61 Series●Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
■
Operating Precautions
1. Recommended Temperature Profile
(Lead-free soldering possible)
2. Recommended Hand Solder Conditions
Soldering iron temperature: 350 ± 10
℃, soldering time: within 3 seconds
3. Recommended Screen Thickness, Aperture
Opening Rate (Pattern Area Ratio)
Thickness 0.1 mm, aperture opening rate: 100%
4. PCB Warpage
Max 0.02 mm at the center of connector with the both edges of the connector as
the baseline
5. Cleaning Condition
Cleaning with IPA is possible. (Cleaning is not recommended as it may change
the feel of insertion/extraction, etc. Please consult with us when using other types
of cleaning agents.)
6. Precautions
■
In order to maintain the performance reliability, do not insert the crimp contact
into the crimp socket at a slant angle.
■
Insertion/extraction of the connector while not mounted to the PCB may cause
breakage or deformation to the contact.
■
Extracting the connector by holding the cable could result in a breakage.
■
Do not apply flux at the time of hand soldering, as it may result in flux rise.
■
This product may have slightly different hue on molded items, however, they do
not affect the product performance.
■
See the separate“DF59 Insertion/Extraction Procedure Manual” for handling
precautions at the time of insertion and extraction.
[Applicable Conditions]
1. Peak Temperature: MAX 250
℃
2. Heated Area: 220
℃ or above, within 60 sec.
3. Pre-heating Area: 150-180
℃, 90-120 sec.
4. Number of Operation: Twice or less
* The contact lead area was measured.
The conditions may change depending on the types and manufacturers of
cream solder, PCB size, and conditions of other materials used for soldering.
Please fully check the soldering condition before use.
[Remarks 1] This temperature profile is our recommended value.
50
60sec MAX
100
150
200
250
0
PRE-HEATING TIME
SOLDERING TIME
TIME
(sec)
90
∼120sec
180ç
220ç
10sec MAX
MAX 250�



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com