Electronic Components Datasheet Search
  English  ▼

X  

DF61 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF61
Description  Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF61 Datasheet(HTML) 4 Page - Hirose Electric

  DF61 Datasheet HTML 1Page - Hirose Electric DF61 Datasheet HTML 2Page - Hirose Electric DF61 Datasheet HTML 3Page - Hirose Electric DF61 Datasheet HTML 4Page - Hirose Electric DF61 Datasheet HTML 5Page - Hirose Electric DF61 Datasheet HTML 6Page - Hirose Electric DF61 Datasheet HTML 7Page - Hirose Electric DF61 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DF61 Series●Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
●
Reel Dimensions
[Specification No.]
(21):Tin plated, emboss package, mold color: red
(22):Tin plated, emboss package, mold color: yellow
(23):Tin plated, emboss package, mold color: beige
■
Straight Header (SMT)
■
Recommended PCB Dimensions(t=1mm)
5.1
3.85
5.1
Contact No.1
Contact No.2
Absorption Area
2.2
2.18
0.2
4.5±0.05
1.15+0.1
0
1.35+0.1
0
4.3±0.05
Unit : mm
Product Number
HRS No.
No. of contacts
Color
DF61-2P-2.2V(21)
CL666-5001-1-21
2
Red
DF61-2P-2.2V(22)
CL666-5001-1-22
2
Yellow
DF61-2P-2.2V(23)
CL666-5001-1-23
2
Beige
Note: For embossed package products, please order in full reel quantities. (1 reel = 3000 pcs.).
8±0.1
4±0.1
2±0.1
Extraction Direction
Product label
Reel Shape (FREE)
+0.10
Ø13±0.2
Ø1.5 sprocket hole far side
Extraction Direction
24.4
30.4MAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com