Electronic Components Datasheet Search
  English  ▼

X  

PTF08 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # PTF08
Description  General Purpose Relay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PTF08 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button PTF08 Datasheet HTML 3Page - Omron Electronics LLC PTF08 Datasheet HTML 4Page - Omron Electronics LLC PTF08 Datasheet HTML 5Page - Omron Electronics LLC PTF08 Datasheet HTML 6Page - Omron Electronics LLC PTF08 Datasheet HTML 7Page - Omron Electronics LLC PTF08 Datasheet HTML 8Page - Omron Electronics LLC PTF08 Datasheet HTML 9Page - Omron Electronics LLC PTF08 Datasheet HTML 10Page - Omron Electronics LLC PTF08 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
448
General Purpose Relay – LY
No. of poles
Coil ratings
Contact ratings
2, 4
6 to 240 VAC
7.5 A, 230 VAC (PF0.4)
6 to 110 VDC
5 A, 24 VDC (L/R=7 ms)
■
Approved Standards (cont.)
LR Recognitions (No. 563KOB-204523)
Engineering Data
LY1
Maximum Switching Power
Switching voltage (V)
Switching current (A)
Endurance
LY2
Maximum Switching Power
Switching voltage (V)
Endurance
Switching current (A)
LY3 and LY4
Maximum Switching Power
Switching voltage (V)
Endurance
Switching current (A)
AC resistive load
DC resistive load
AC
(cos
φ =
0.4)
DC
L/R = 7 ms
Life: 200,000
operations
AC resistive load
AC
(cos
φ =
0.4)
DC
L/R = 7 ms
DC resistive load
110 VAC resistive load
24 VDC resistive load
24 VDC (L/
R = 7ms)
110 VAC (cos
φ = 0.4)
AC resistive load
AC
(cos
φ =
0.4)
DC
L/R = 7 ms
DC resistive load
Life: 500,000
operations
24 VDC resistive load
110 VAC resistive load
110 VAC (cos
φ = 0.4)
24 VDC (L/R = 7ms)
24 VDC resistive load
110 VAC resistive load
110 VAC (cos
φ = 0.4)
24 VDC (L/R = 7ms)
15
10
5
1
0.5
0.1
10
100
500
1,000
10,000
5,000
1,000
100
02
4
6
8
10 12
14 16 18 20
10
5
1
0.5
0.1
10
100
500
1,000
10
5
1
0.5
0.1
10
100
Life: 200,000
operations
0
2
4
6
8
10 12
14 16 18 20
02
4
6
8
10 12
14 16 18 20
500
1,000
1,0000
1,000
100
1,0000
1,000
100
500
5,000
500
5,000
500
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 448



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com