Electronic Components Datasheet Search
  English  ▼

X  

PTF08 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # PTF08
Description  General Purpose Relay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PTF08 Datasheet(HTML) 4 Page - Omron Electronics LLC

  PTF08 Datasheet HTML 1Page - Omron Electronics LLC PTF08 Datasheet HTML 2Page - Omron Electronics LLC PTF08 Datasheet HTML 3Page - Omron Electronics LLC PTF08 Datasheet HTML 4Page - Omron Electronics LLC PTF08 Datasheet HTML 5Page - Omron Electronics LLC PTF08 Datasheet HTML 6Page - Omron Electronics LLC PTF08 Datasheet HTML 7Page - Omron Electronics LLC PTF08 Datasheet HTML 8Page - Omron Electronics LLC PTF08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
445
General Purpose Relay – LY
■
Characteristics
Item
All except Relays with bifurcated contacts
Relays with bifurcated contacts
Contact resistance
50 mΩ max.
Operate time
25 ms max.
Release time
25 ms max.
Max. operating frequency
Mechanical: 18,000 operations/hr
Electrical: 1,800 operations/hr (under rated load)
Insulation resistance
100 MΩ min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Malfunction: 200 m/s2
Endurance
Mechanical: AC: 50,000,000 operations min. (at 18,000 operations/hr)
DC: 1,00,000,000 operations min. (at 18,000 operations/hr)
Electrical: Single-, three-, and four-pole: 200,000 operations min.
(at 1,800 operations/hr under rated load)
Double-pole: 500,000 operations min. (at 1,800 operations/hr under rated load)
Ambient temperature*
Operating:
Single- and double-pole standard, bifurcated-contact Relays: –25°C to 55°C (with no icing)
(–25°C to 70°C if carry current is 4 A or less)
All other Relays: –25°C to 40°C (with no icing)
(–25°C to 55°C if carry current is 4 A or less)
Ambient humidity
Operating: 5% to 85%
Weight
Single- and double-pole: approx. 40 g, three-pole: approx. 50 g, four-pole: approx. 70 g
Note: 1. The values given above are initial values
2. The upper limit of 40°C for some Relays is because of the relationship between diode junction temperature and the element
used.
■
Contact Rating
Relay
Single Contact
Bifurcated contacts
1-pole
2-, 3- or 4-pole
2-pole
Load
Resistive load
Inductive load
Resistive load
Inductive load
Resistive load
Inductive load
(cosϕ = 1)
(cosϕ = 0.4,
(cosϕ = 1)
(cosϕ = 0.4,
(cosϕ = 1)
(cosϕ = 0.4,
L/R = 7 ms)
L/R = 7 ms)
L/R = 7 ms)
Rated Load
110 VAC 15 A
110 VAC 10 A
110 VAC 10 A
110 VAC 7.5 A
110 VAC 5A
110 VAC 4 A
24 VDC 15 A
24 VDC 7 A
24 VDC 10 A
24 VDC 5 A
24 VDC 5 A
24 VDC 4A
Rated Carry
15 A
10 A
7 A
Current
Max. switching
250 VAC
250 VAC
250 VAC
voltage
125 VDC
125 VDC
125 VDC
Max. switching
15 A
10 A
7 A
current
Max. switching
1,700 VA
1,100 VA
1,100 VA
825 VA
550 VA
440 VA
power
360 W
170 W
240 W
120 W
120 W
100 W
Failure rate
100 mA, 5 VDC
100 mA, 5 VDC
100 mA, 5 VDC
(reference value)*
*Note: P level: λ60 = 0.1 x 10
-6/operation
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com