Electronic Components Datasheet Search
  English  ▼

X  

PTF08 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # PTF08
Description  General Purpose Relay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PTF08 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button PTF08 Datasheet HTML 4Page - Omron Electronics LLC PTF08 Datasheet HTML 5Page - Omron Electronics LLC PTF08 Datasheet HTML 6Page - Omron Electronics LLC PTF08 Datasheet HTML 7Page - Omron Electronics LLC PTF08 Datasheet HTML 8Page - Omron Electronics LLC PTF08 Datasheet HTML 9Page - Omron Electronics LLC PTF08 Datasheet HTML 10Page - Omron Electronics LLC PTF08 Datasheet HTML 11Page - Omron Electronics LLC PTF08 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
449
General Purpose Relay – LY
Dimensions
Note: All units are in millimetres unless otherwise indicated.
■
Relays with Solder/Plug-in Terminals
Note: The DC models have polarity.
LY2Z
Maximum Switching Power
Switching voltage (V)
Switching current (A)
LY2Z
Endurance
AC resistive load
AC
(cos
φ = 0.4)
DC resistive load
DC
L/R = 7 ms
Life: 500,000 operations
24 VDC resistive load
110 VAC resistive load
110 VAC (cos
φ = 0.4)
24 VDC (L/R = 7ms)
10
5
1
0.5
10
100
500 1,000
50
10,000
5,000
1,000
500
02
4
6
8
10
100
0
Eight, 2-dia. holes
LY1
LY1N (-D2)
LY1-D
0.5
5
3
6.4
36 max.
28 max.
21.5
max.
Terminal Arrangement/Internal Connections (Bottom View)
LY1
LY1-D
LY1N
DC Model
AC Model
LY1N-D2
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com