Electronic Components Datasheet Search
  English  ▼

X  

MIC3205 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3205
Description  High-Brightness LED Driver Controller with Fixed-Frequency Hysteretic Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3205 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3205 Datasheet HTML 1Page - Micrel Semiconductor MIC3205 Datasheet HTML 2Page - Micrel Semiconductor MIC3205 Datasheet HTML 3Page - Micrel Semiconductor MIC3205 Datasheet HTML 4Page - Micrel Semiconductor MIC3205 Datasheet HTML 5Page - Micrel Semiconductor MIC3205 Datasheet HTML 6Page - Micrel Semiconductor MIC3205 Datasheet HTML 7Page - Micrel Semiconductor MIC3205 Datasheet HTML 8Page - Micrel Semiconductor MIC3205 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Micrel, Inc.
MIC3205
October 2012
2
M9999-102312-A
Ordering Information
Part Number
Junction Temperature Range
Package
(1)
MIC3205YML
40°C to 125°C
10-Pin 3mm x 3mm MLF
Note:
1.
MLF is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
10-Pin 3mm x 3mm MLF (ML)
Top View
Pin Description
Pin Number
Pin Name
Pin Function
1
VCC
Voltage Regulator Output. The VCC pin is the output of a linear regulator powered from VIN, which
supplies power to the internal circuitry. A 4.7µF ceramic capacitor is recommended for bypassing. Place
it as close as possible to the VCC and AGND pins. Do not connect to an external load.
2
CS
Current Sense Input. Negative input to the current sense comparator. Connect an external sense
resistor to set the LED current. Connect the current sense resistor as close as possible to the chip.
3
VIN
Input Power Supply. VIN is the input supply pin to the internal circuitry. Due to high frequency switching
noise, a 10µF ceramic capacitor is recommended for bypassing and should be placed as close as
possible to the VIN and PGND pins. See “PCB Layout Guidelines.”
4
VINS
VIN Sense. Positive input to the current sense comparator. Connect as close as possible to the current
sense resistor.
5
AGND
Analog Ground. Ground for all internal low-power circuitry.
6
EN
Enable Input. Logic high (greater than 2V) powers up the regulator. A logic low (less than 0.4V) powers
down the regulator and reduces the supply current of the device to less than 2µA. A logic low pulls down
the DRV pin turning off the external MOSFET. Do not drive the EN pin above VIN. Do not leave floating.
7
DIM
PWM Dimming Input. A PWM input can be used to control the brightness of the LED. Logic high (greater
than 2V) enables the output. Logic low (less than 0.4V) disables the output regardless of the EN state.
Do not drive the DIM pin above VIN. Do not leave floating.
8
CTIMER
Timer Capacitor. A capacitor is required from CTIMER to ground sets the target switching frequency
using the equation CTIMER=2.22*10
-4 / FSW
9
PGND
Power Ground. Ground for the power MOSFET gate driver. The current loop for the power ground
should be as small as possible and separate from the analog ground loop. See “PCB Layout
Recommendations.”
10
DRV
Gate Drive Output. Connect to the gate of an external N-channel MOSFET. The drain of the external
MOSFET connects directly to the inductor and provides the switching current necessary to operate in
hysteretic mode.
EP
ePAD
Exposed Pad. Must be connected to a GND plane for best thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com