Electronic Components Datasheet Search
  English  ▼

X  

MIC3205 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3205
Description  High-Brightness LED Driver Controller with Fixed-Frequency Hysteretic Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3205 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3205 Datasheet HTML 1Page - Micrel Semiconductor MIC3205 Datasheet HTML 2Page - Micrel Semiconductor MIC3205 Datasheet HTML 3Page - Micrel Semiconductor MIC3205 Datasheet HTML 4Page - Micrel Semiconductor MIC3205 Datasheet HTML 5Page - Micrel Semiconductor MIC3205 Datasheet HTML 6Page - Micrel Semiconductor MIC3205 Datasheet HTML 7Page - Micrel Semiconductor MIC3205 Datasheet HTML 8Page - Micrel Semiconductor MIC3205 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Micrel, Inc.
MIC3205
October 2012
4
M9999-102312-A
Electrical Characteristics (4) (Continued)
VIN = VEN = VDIM = 12V; CVCC = 4.7µF; TJ = 25C; bold values indicate 40C  TJ  125C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Enable Input
ENHI
EN Logic Level High
2.0
V
ENLO
EN Logic Level Low
0.4
V
VEN = 12V
20
60
µA
IEN
EN Bias Current
VEN = 0V
1
µA
tSTART
Start-Up Time
From EN pin going high to DRV
going high
65
µs
Dimming Input
DIMHI
DIM Logic Level High
2.0
V
DIMLO
DIM Logic Level Low
0.4
V
VDIM = 12V
20
50
µA
IDIM
DIM Bias Current
VDIM = 0V
1
µA
tDIM
DIM Delay Time
From DIM pin going high to DRV
going high
450
ns
fDIM
Maximum Dimming Frequency
% of switching frequency
2
%
External FET Driver
Pull-Up, ISOURCE = 10mA
4
Ω
RON
DRV On-Resistance
Pull-Down, ISINK = -10mA
1.5
Ω
Rise Time, CLOAD = 1000pF
13
ns
tDRV
DRV Transition Time
Fall Time, CLOAD = 1000pF
7
ns
Thermal Protection
TLIM
Overtemperature Shutdown
TJ Rising
160
C
TLIMHYS
Overtemperature Shutdown Hysteresis
20
C
Notes:
1.
Exceeding the absolute maximum rating can damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5kΩ in series with 100pF.
4.
Specification for packaged product only.
5.
See “Sense Voltage Hysteresis Range” in the “Application Information” section.
6.
See “Frequency of Operation” in the “Application Information” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com