Electronic Components Datasheet Search
  English  ▼

X  

MIC3205 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC3205
Description  High-Brightness LED Driver Controller with Fixed-Frequency Hysteretic Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3205 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC3205 Datasheet HTML 1Page - Micrel Semiconductor MIC3205 Datasheet HTML 2Page - Micrel Semiconductor MIC3205 Datasheet HTML 3Page - Micrel Semiconductor MIC3205 Datasheet HTML 4Page - Micrel Semiconductor MIC3205 Datasheet HTML 5Page - Micrel Semiconductor MIC3205 Datasheet HTML 6Page - Micrel Semiconductor MIC3205 Datasheet HTML 7Page - Micrel Semiconductor MIC3205 Datasheet HTML 8Page - Micrel Semiconductor MIC3205 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Micrel, Inc.
MIC3205
October 2012
3
M9999-102312-A
Absolute Maximum Ratings (1)
VIN to PGND .................................................. 0.3V to 42V
VINS to PGND......................................... 0.3V to (VIN+0.3V)
VCC to PGND ................................................ 0.3V to 6.0V
CS to PGND........................................
0.3V to (VIN  0.3V)
EN to AGND........................................
0.3V to (VIN  0.3V)
DIM to AGND ......................................
0.3V to (VIN  0.3V)
CTIMER to AGND ..............................
0.3V to (VCC  0.3V)
DRV to PGND ....................................
0.3V to (VCC  0.3V)
PGND to AGND ..........................................
0.3V to  0.3V
Junction Temperature ................................................ 150
C
Storage Temperature Range ....................
60°C to 150C
Lead Temperature (Soldering, 10sec) ....................... 260
C
ESD Ratings
(3)
HBM...................................................................... 1.5kV
MM.........................................................................200V
Operating Ratings (2)
Supply Voltage (VIN).......................................... 4.5V to 40V
Enable Voltage (VEN) .............................................. 0V to VIN
Dimming Voltage (VDIM).................................................................0V to VIN
Junction Temperature (TJ) ........................ 40C to 125C
Junction Thermal Resistance
10-pin 3x3 MLF (
JA).......................................60.7C/W
10-pin 3x3 MLF (
JC).......................................28.7C/W
Electrical Characteristics (4)
VIN = VEN = VDIM = 12V; CVCC = 4.7µF; TJ = 25C; bold values indicate 40C  TJ  125C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Input Supply
VIN
Input Voltage Range (VIN)
4.5
40
V
IS
Supply Current
DRV = Open
1.3
3
mA
ISD
Shutdown Current
VEN = 0V
2
µA
UVLO
VIN UVLO Threshold
VIN Rising
3.2
4
4.5
V
UVLOHYS
VIN UVLO Hysteresis
600
mV
VCC Supply
VCC
VCC Output Voltage
VIN = 12V, ICC = 5mA
4.5
5
5.5
V
Current Sense
190
200
210
mV
∆VCS
Average Current Sense
Threshold
∆VCS =VINS  VCS
188
200
212
mV
VCS Rising
50
ns
∆tCS
Current Sense Response
Time
VCS Falling
70
ns
ICS
CS Input Current
VIN = VCS
0.5
10
µA
∆VHYS
Sense Voltage Hysteresis
(5)
VIN =12V, VLED =3V,
L=47µH, FSW =250kHz,
VD = 0.7V, ILED = 1A
46
mV
Frequency
ITIMER
CTIMER Pull-up Current
66
µA
VCTREF
CTIMER Threshold
1.189
V
(4*ITIMER)/
VCTREF
Frequency Coefficient
(6)
1.776 × 10
-4
2.22 × 10
-4
2.664 × 10
-4
A/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com