Electronic Components Datasheet Search
  English  ▼

X  

121 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # 121
Description  Temperature Sensors Line Guide
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

121 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button 121 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.honeywell.com/sensing
Temperature Sensors Line guide
197 Series
IcL Series
Description
chip with bare leads and epoxy
inrush current limiter
Operating temperature range
-60 °C to 125 °C [-76 °F to 257 °F]
-40 °C to 185 °C [-40 °F to 365 °F]
Dissipation constant in still air
0,75 mW/°C
12.7 mW/°C to 23 mW/°C
Time constant in air
15.0 s
32 s to 93 s
Nominal resistance
at [25 °F to 77 °F]
300 Ohm, 1,000 Ohm, 3,000 Ohm,
5,000 Ohm, 10,000 Ohm, 50,000 Ohm, 100,000 Ohm
0.5 Ohm to 220 Ohm +/- 20 %
Maximum diameter
2,413 mm [0.095 in]
9.5 mm [0.374 in] to 32 mm [1.26 in]
Termination material
tinned copper, alloy 180
tinned copper
Lead length
38,1 mm [1.50 in]
1 in min.
discrete Thermistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com