Electronic Components Datasheet Search
  English  ▼

X  

121 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # 121
Description  Temperature Sensors Line Guide
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

121 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  121 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.honeywell.com/sensing
1
Accuracy and flexibility. Stability and speed.
Honeywell
Sensing and Control (S&C) offers an impressive array of
temperature sensors, each designed to provide enhanced
reliability, repeatability, precision, and responsiveness. These
temperature sensors are designed to maximize your component
and product performance for most any potential application.
FEATURES
PAckAgEd TEmPERATURE
PRobES
R300 Series.
Features:
Wide temperature-range
• Stainless steel construction • Enhanced
response time • Enhanced accuracy
• Enhanced reliability • Linear output
• Extended life
benefits:
Robust, stainless steel closed-
tip design for reliability in most aggressive
environments, while still providing
enhanced response time. One-piece
sensor with integral connector for potential
use in heavy duty vehicle engine exhaust
gas recirculation systems, fluid or air
temperature sensing within the engine
environment or HVAC, or refrigeration
compressor equipment.
500 Series.
Features:
Choice of custom or existing
designs • Wide selection of housing,
resistance, and termination options • Wide
operating temperature range
benefits:
Housing material ranges from
all plastic to all-metal, and accommodates
air/gas, fluid immersion or surface sensing
requirements. Full range of custom or
Temperature Sensors
Line guide
continued on page 9
off-the-shelf thermistor and RTD-based
solutions for a wide variety of potential
industrial, transportation, and aerospace
applications.
ES110 Series.
Features:
Exposed thermistor • Rugged
design • Brass encapsulation • Plastic
overmold • Enhanced response time
• Wide operating temperature range
benefits:
Overmolded, hexagonal shape
for easy installation. Two end configurations
available, depending on response or degree
of protection required. All-plastic design
reduces heat loss through the sensor.
Exposed thermistor offers fast response
for air/gas sensing, especially for potential
transportation engine management systems
and industrial applications.
ES120 Series.
Features:
Enclosed thermistor • Rugged
design • Brass encapsulation • Plastic
overmold • Wide operating temperature
range
benefits:
Overmolded, hexagonal shape
for easy installation. All-plastic design
reduces heat loss through the sensor.
Enclosed thermistor may potentially
be used for liquid temperature sensing
in engine management systems and
industrial applications.
6655 Series.
Features:
Air/surface temperature
sensing • NTC thermistor output • Low
cost • Low, compact profile • Tight
interchangeability • Enhanced accuracy
• Enhanced response time • Wide
operating temperature range • Variety of
mounting brackets • Widely used sensor
package footprint • Enhanced stability/
low drift
benefits:
Offers temperature
measurements with enhanced response
and accuracy on most flat surfaces and
pipes in non-condensing applications.
Allows greater flexibility in temperature
monitoring and controlling. Tight
interchangeability eliminates or reduces
need for calibration. A wide operating
temperature range allows application
flexibility. Potential applications include
water heaters and boilers, industrial ovens
and ranges, copier diffuser rollers, and
HVAC compressor or duct temperature
sensing.
That’s why more customers worldwide call the industry’s most
trusted name for:
• Enhanced accuracy and stability
• Strong standard technology platforms
• A wide variety of housings and termination styles
• Easy-to-customize platforms
• High-temp product line expansion sensing capability
• Comprehensive technical support


Similar Part No. - 121

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
121 RIEDON-121 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Productwell Precision E...
121 PRODUCTWELL-121 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Riedon Powertron
121 RIEDON-121 Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
Witten Company, Inc.
121 WITTEN-121 Datasheet
113Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY-PRESS IN
logo
AiT Semiconductor Inc.
121 AITSEMI-121 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
More results

Similar Description - 121

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
175-103LAE-301 HONEYWELL-ACC-175-103LAE-301 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
logo
Honeywell Solid State E...
121-104KAH-Q01 HONEYWELL-121-104KAH-Q01 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
135-103FAD-J01 HONEYWELL-135-103FAD-J01 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
135-502FAF-J10 HONEYWELL-ACC-135-502FAF-J10 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
HEL-777-A-T-0 HONEYWELL-ACC-HEL-777-A-T-0 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
HEL-776-A-U-0 HONEYWELL-ACC-HEL-776-A-U-0 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com