Electronic Components Datasheet Search
  English  ▼

X  

121 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # 121
Description  Temperature Sensors Line Guide
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

121 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button 121 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 121 Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.honeywell.com/sensing
benefits:
Shock resistant, rugged,
glass encapsulated units often ideal
for immersion in fluid and convenient
for mounting in air sensor sensing
assemblies. Enhanced reliability. Potential
for use in a wide variety of military and
aerospace applications.
126 Series.
Features:
Hermetically sealed in glass
• Interchangeability • Accuracy
• Enhanced sensitivity • Enhanced
stability • Enhanced reliability • Small size
• Cost effective
benefits:
May be selected to tolerances
only limited to the system’s capability
available to test them. Precision sensing
elements used where curve-matched
interchangeability is required for precise
temperature control and precision
temperature indication.
128 Series.
Features:
Hermetically sealed in glass
• Interchangeability • Accuracy
• Enhanced sensitivity, stability and
reliability • Miniature size • Cost effective
benefits:
Miniature size for applications
where space is at a premium. May be
selected to tolerances only limited to the
system’s capability available to test them.
Precision sensing elements for where
curve-matched interchangeability is
required for precise temperature control
and precision temperature indication
such as military, aerospace, medical, and
instrumentation test equipment.
129 Series.
Features:
Interchangeability • Accuracy
• Enhanced sensitivity, stability and
reliability • Small size • Cost effective
benefits:
May be selected to tolerances
only limited to the system’s capability
available to test them. Precision sensing
elements for where curve-matched
interchangeability is required for precise
temperature control and precision
temperature indication such as military,
aerospace, medical and instrumentation
test equipment.
135 Series.
Features:
Rugged DO-35 glass
encapsulation • Enhanced temperature
capability • Enhanced reliability • Uniform
dimensions • Tape and reel • Cost
effective
benefits:
Uniform dimensions and tape
and reel for automated assembly. Rugged
sensor designed for potential high-volume,
cost-sensitive applications that demand
enhanced reliability.
140 Series.
Features:
Cost effective • PC board
mountable • Rugged design • Versatile
• Solderable leads
benefits:
Broad range of custom
resistance values and R/T curves.
Potential applications include low-cost
applications with a maximum temperature
of 150 °C [302 °F].
143 Series.
Features:
Rugged design • PC board
mountable • Solderable leads • Cost
effective
benefits:
Broad range of custom
resistance values and R/T curves.
Potentially for use in high-volume, cost-
sensitive applications.
173 Series.
Features:
Surface mount • Tape and reel
• Glass-coated ceramic • Solder-plated Ni
• 0805 EIA package • Cost effective
benefits:
Surface mount for automated
pick and place. Tape and reel for high
volume applications such as PC boards.
Glass-coated ceramic designed for long
term reliability. Solder-plated Ni-barrier
terminations easy to solder. Potential
for use in high-volume, cost-sensitive
applications.
175 Series.
Features:
Surface mount • Tape and reel
• Glass-coated ceramic • Solder-plated Ni
• 1206 EIA package • Cost effective
benefits:
Surface mount for automated
pick and place. Tape and reel for high
volume applications such as PC boards.
Glass-coated ceramic design for long
term reliability. Solder-plated Ni-barrier
terminations easy to solder. Potential
for use in high-volume, cost-sensitive
applications.
192 Series.
Features:
Resistance temperature curve
interchangeability • Accuracy • Enhanced
stability • Enhanced life • Cost effective
• Small size • Epoxy coated
benefits:
Resistance temperature-
matched interchangeable units designed
to provide cost savings by eliminating
need for individual resistance temperature
calibration and standardization of circuit
components. Designed to simplify
design and replacement in temperature
measurement, indication, control and
compensation of ambient temperature
effects on a variety of integrated circuits
and other semiconductor devices.
194 Series.
Features:
Resistance temperature curve
interchangeability • Accuracy • Enhanced
stability • Enhanced life • Cost effective
• Small size • Epoxy coated • Teflon-
coated leads
benefits:
Resistance temperature-
matched interchangeable units designed
to provide cost savings by eliminating
need for individual resistance temperature
calibration and standardization of circuit
components. Simplifies design and
replacement in temperature measurement,
indication, control and compensation
of ambient temperature effects on a
variety of integrated circuits and other
semiconductor devices.
196 Series.
Features:
Rapid response times • Silver
top and bottom surface electrode
• Uniform size • Small size • Epoxy coated
benefits:
Uniform size for robotic
assembly. Attach to hybrid or integrated
circuits, and printed circuit boards by
epoxy bonding or soldering. Provides
over-temperature protection and
temperature compensation in a variety
of potential applications, including
telecommunications and office automation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com