Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS0332 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0332
Description  TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS570LS0332 Datasheet HTML 23Page - Texas Instruments TMS570LS0332 Datasheet HTML 24Page - Texas Instruments TMS570LS0332 Datasheet HTML 25Page - Texas Instruments TMS570LS0332 Datasheet HTML 26Page - Texas Instruments TMS570LS0332 Datasheet HTML 27Page - Texas Instruments TMS570LS0332 Datasheet HTML 28Page - Texas Instruments TMS570LS0332 Datasheet HTML 29Page - Texas Instruments TMS570LS0332 Datasheet HTML 30Page - Texas Instruments TMS570LS0332 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
North
Flip West
F
TMS570LS0432
TMS570LS0332
www.ti.com
SPNS186 – OCTOBER 2012
4.4
ARM
© Cortex-R4™ CPU Information
4.4.1
Summary of ARM Cortex-R4 CPU Features
The features of the ARM Cortex-R4™ CPU include:
•
An integer unit with integral Embedded ICE-RT logic.
•
High-speed Advanced Microprocessor Bus Architecture (AMBA) Advanced eXtensible Interfaces (AXI)
for Level two (L2) master and slave interfaces.
•
Dynamic branch prediction with a global history buffer, and a 4-entry return stack
•
Low interrupt latency.
•
Non-maskable interrupt.
•
A Harvard Level one (L1) memory system with:
–
Tightly-Coupled Memory (TCM) interfaces with support for error correction or parity checking
memories
–
ARMv7-R architecture Memory Protection Unit (MPU) with 8 regions
•
Dual core logic for fault detection in safety-critical applications.
•
An L2 memory interface:
–
Single 64-bit master AXI interface
–
64-bit slave AXI interface to TCM RAM blocks
•
A debug interface to a CoreSight Debug Access Port (DAP).
•
A Vectored Interrupt Controller (VIC) port.
For more information on the ARM Cortex-R4 CPU please see www.arm.com.
4.4.2
ARM Cortex-R4 CPU Features Enabled by Software
The following CPU features are disabled on reset and must be enabled by the application if required.
•
ECC On Tightly-Coupled Memory (TCM) Accesses
•
Hardware Vectored Interrupt (VIC) Port
•
Memory Protection Unit (MPU)
4.4.3
Dual Core Implementation
The device has two Cortex-R4 cores, where the output signals of both CPUs are compared in the CCM-
R4 unit. To avoid common mode impacts the signals of the CPUs to be compared are delayed by 2 clock
cycles as shown in Figure 4-3.
The CPUs have a diverse CPU placement given by following requirements:
•
different orientation; e.g. CPU1 = "north" orientation, CPU2 = "flip west" orientation
•
dedicated guard ring for each CPU
Figure 4-2. Dual - CPU Orientation
4.4.4
Duplicate clock tree after GCLK
The CPU clock domain is split into two clock trees, one for each CPU, with the clock of the 2nd CPU
running at the same frequency and in phase to the clock of CPU1. See Figure 4-3.
Copyright © 2012, Texas Instruments Incorporated
System Information and Electrical Specifications
27
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com