Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS0332 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0332
Description  TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS570LS0332 Datasheet HTML 35Page - Texas Instruments TMS570LS0332 Datasheet HTML 36Page - Texas Instruments TMS570LS0332 Datasheet HTML 37Page - Texas Instruments TMS570LS0332 Datasheet HTML 38Page - Texas Instruments TMS570LS0332 Datasheet HTML 39Page - Texas Instruments TMS570LS0332 Datasheet HTML 40Page - Texas Instruments TMS570LS0332 Datasheet HTML 41Page - Texas Instruments TMS570LS0332 Datasheet HTML 42Page - Texas Instruments TMS570LS0332 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
TMS570LS0432
TMS570LS0332
www.ti.com
SPNS186 – OCTOBER 2012
4.7
Glitch Filters
A glitch filter is present on the following signals.
Table 4-16. Glitch Filter Timing Specifications
Pin
Parameter
MIN
MAX
Unit
nPORRST
tf(nPORRST)
500
2000
ns
Filter time nPORRST pin;
pulses less than MIN will be filtered out, pulses greater than
MAX will generate a reset(1)
nRST
tf(nRST)
500
2000
ns
Filter time nRST pin;
pulses less than MIN will be filtered out, pulses greater than
MAX will generate a reset
TEST
tf(TEST)
500
2000
ns
Filter time TEST pin;
pulses less than MIN will be filtered out, pulses greater than
MAX will pass through
(1)
The glitch filter design on the nPORRST signal is designed such that no size pulse will reset any part of the microcontroller (flash pump,
I/O pins, etc.) without also generating a valid reset signal to the CPU.
Copyright © 2012, Texas Instruments Incorporated
System Information and Electrical Specifications
39
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com