Electronic Components Datasheet Search
  English  ▼

X  

RJM0407JSC Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RJM0407JSC
Description  40 V - 20 A - N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJM0407JSC Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RJM0407JSC Datasheet HTML 4Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 5Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 6Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 7Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 8Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 9Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 10Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 11Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RJM0407JSC
Preliminary
R07DS0368EJ0100 Rev.1.00
Page 8 of 11
Sep 20, 2012
 MOS4, 5, 6 (Pch)
Gate Charge Qg (nc)
Dynamic Input Characteristics
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Avalanche Test Circuit
Avalanche Waveform
0
–10
–20
–30
10000
1000
100
10
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
0
–4
–8
–12
–16
–20
0
0
–10
–20
–30
–40
–50
5
1015
2025
0
–0.4
–0.8
–1.2
–2.0
–1.6
–20
–5
–15
–10
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
–15 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L
• I
AP
2
•
2
1
VDSS
VDSS – VDD
f = 1 MHz
VGS = 0
Ciss
Coss
Crss
VGS
Tc = 25
°C
ID = –20 A
VDS
VDD = –25 V
–10 V
–5 V
VGS = 0 V, 5 V
–10 V
50
40
30
20
10
25
50
75
100
125
150
175
0
Channel Temperature Tch (
°C)
Avalanche Energy vs.
Channel Temperature Derating
IAP = –15 A
VDD = –25 V
duty < 0.1 %
Rg
≥ 50 Ω
Tc = 25
°C
Pulse Test
VDD = –25 V
–10 V
–5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com