Electronic Components Datasheet Search
  English  ▼

X  

RJM0407JSC Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RJM0407JSC
Description  40 V - 20 A - N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJM0407JSC Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RJM0407JSC Datasheet HTML 4Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 5Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 6Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 7Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 8Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 9Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 10Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 11Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RJM0407JSC
Preliminary
R07DS0368EJ0100 Rev.1.00
Page 11 of 11
Sep 20, 2012
Package Dimensions
14.25
10.9
13.95
1.8
0.1
1.27
14.0
14.4
0.47
0.40
A1
11.1
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
3.6
0.95
0.8
0.65
0.30
11.0
0.10
0.05
0.01
0.53
0.45
0.37
0.32
0.28
14.2
8°
0°
0.25
14.1
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
Index mark
1
y
xM
p
*3
*1
F
10
20
11
BOTTOM VIEW
2.98
2.98
1.38
1.38
12.1
D
15.9 ±0.1
Z
b
Terminal cross section
p
1
b
b
Detail F
L
θ
NOTE)
1. DIMENSIONS"
*1"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
P-HSOP20-11x14.1-1.27
2.0g
MASS[Typ.]
PRSP0020DF-A
RENESAS Code
JEITA Package Code
Previous Code
⎯
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJM0407JSC-00-12
700 pcs
Tray
Note:
The symbol of 2nd "-" is occasionally presented as "#".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com