Electronic Components Datasheet Search
  English  ▼

X  

RJM0407JSC Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RJM0407JSC
Description  40 V - 20 A - N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJM0407JSC Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RJM0407JSC Datasheet HTML 4Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 5Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 6Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 7Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 8Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 9Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 10Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 11Page - Renesas Technology Corp RJM0407JSC Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RJM0407JSC
Preliminary
R07DS0368EJ0100 Rev.1.00
Page 10 of 11
Sep 20, 2012
 Common
Case Temperature
Tc (°C)
Power vs. Temperature Derating
50
40
30
20
10
0
50
100
150
200
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
D = 1
0.5
0.2
0.1
0.05
10
μ
100
μ
1 m
10 m
100 m
1
10
1
0.1
0.01
DM
P
PW
T
D =
PW
T
θch - c(t) = γs (t) x θch - c
θch - c = 4.28°C/W, Tc = 25°C
1 Drive operation
0.02
0.01
1shot pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com