Electronic Components Datasheet Search
  English  ▼

X  

AD5629R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5629R
Description  Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5629R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5629R Datasheet HTML 12Page - Analog Devices AD5629R Datasheet HTML 13Page - Analog Devices AD5629R Datasheet HTML 14Page - Analog Devices AD5629R Datasheet HTML 15Page - Analog Devices AD5629R Datasheet HTML 16Page - Analog Devices AD5629R Datasheet HTML 17Page - Analog Devices AD5629R Datasheet HTML 18Page - Analog Devices AD5629R Datasheet HTML 19Page - Analog Devices AD5629R Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5629R/AD5669R
Data Sheet
Rev. B | Page 16 of 32
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VLOGIC (V)
TA = 25°C
VDD =5V
VDD =3V
Figure 30. Supply Current vs. Logic Input Voltage
6
5
4
3
2
1
0
–2
8
6
4
2
0
TIME (µs)
VDD = 5V
EXT REF = 5V
TA = 25°C
Figure 31. Full-Scale Settling Time, 5 V
5.5
4.5
3.5
2.5
1.5
0.5
5.0
4.0
3.0
2.0
1.0
0
–0.5
–0.0010
0.0010
0.0006
0.0002
–0.0002
–0.0006
TIME (s)
VOUTA
VDD
VDD = 5V
EXT REF = 5V
TA = 25°C
Figure 32. Power-On Reset to 0 V
5.5
4.5
3.5
2.5
1.5
0.5
5.0
4.0
3.0
2.0
1.0
0
–0.5
–0.0010
0.0010
0.0006
0.0002
–0.0002
–0.0006
TIME (s)
VOUTA
VDD
VDD = 5V
EXT REF = 5V
TA = 25°C
Figure 33. Power-On Reset to Midscale
5.5
4.5
3.5
2.5
1.5
0.5
5.0
4.0
3.0
2.0
1.0
0
–0.5
–10
10
5
0
–5
TIME (µs)
VOUTA
24TH CLK RISING EDGE
VDD = 5V
EXT REF = 5V
TA = 25°C
Figure 34. Exiting Power-Down to Midscale
CH3 10.0mV
B
W
CH4 5.0V
M400ns
A CH4
1.50V
T 17.0%
3
4
T
VDD = 5V
EXT REF = 5V
TA = 25°C
VOUTA
24TH CLK RISING EDGE
Figure 35. Digital-to-Analog Glitch Impulse (Negative)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com