Electronic Components Datasheet Search
  English  ▼

X  

AD5629R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5629R
Description  Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5629R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5629R Datasheet HTML 23Page - Analog Devices AD5629R Datasheet HTML 24Page - Analog Devices AD5629R Datasheet HTML 25Page - Analog Devices AD5629R Datasheet HTML 26Page - Analog Devices AD5629R Datasheet HTML 27Page - Analog Devices AD5629R Datasheet HTML 28Page - Analog Devices AD5629R Datasheet HTML 29Page - Analog Devices AD5629R Datasheet HTML 30Page - Analog Devices AD5629R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD5629R/AD5669R
Rev. B | Page 27 of 32
LDAC FUNCTION
The outputs of all DACs can be updated simultaneously using
the hardware LDAC pin.
Synchronous LDAC
The DAC registers are updated after new data is read in. LDAC
can be permanently low or pulsed as in Figure 2.
Asynchronous LDAC
The outputs are not updated at the same time that the input
registers are written to. When LDAC goes low, the DAC
registers are updated with the contents of the input register.
Alternatively, the outputs of all DACs can be updated simulta-
neously using the software LDAC function by writing to Input
Register n and updating all DAC registers. Command 0011 is
reserved for this software LDAC function.
An LDAC register gives the user extra flexibility and control
over the hardware LDAC pin. Setting the LDAC bit register
to 0 for a DAC channel means that this channel’s update is
controlled by the LDAC pin. If this bit is set to 1, this channel
updates synchronously; that is, the DAC register is updated
after new data is read, regardless of the state of the LDAC pin.
It effectively sees the LDAC pin as being tied low. See Table 16
for the LDAC register mode of operation.
This flexibility is useful in applications where the user wants
to simultaneously update select channels while the rest of the
channels are synchronously updating. Writing to the DAC
using command 0110 loads the 8-bit LDAC register (DB7 to
DB0). The default for each channel is 0, that is, the LDAC pin
works normally. Setting the bits to 1 means the DAC channel
is updated regardless of the state of the LDAC pin. See Table 17
for the contents of the input shift register during the load LDAC
register mode of operation.
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in a circuit, it is helpful to carefully
consider the power supply and ground return layout on the board.
The printed circuit board containing the AD5629R/AD5669R
should have separate analog and digital sections. If the AD5629R/
AD5669R are in a system where other devices require an
AGND-to-DGND connection, the connection should be made
at one point only. This ground point should be as close as
possible to the AD5629R/AD5669R.
The power supply to the AD5629R/AD5669R should be
bypassed with 10 µF and 0.1 µF capacitors. The capacitors
should be as physically close as possible to the device, with the
0.1 µF capacitor ideally right up against the device. The 10 µF
capacitors are the tantalum bead type. It is important that the
0.1 µF capacitor have low effective series resistance (ESR) and
low effective series inductance (ESI), such as is typical of
common ceramic types of capacitors. This 0.1 µF capacitor
provides a low impedance path to ground for high frequencies
caused by transient currents due to internal logic switching.
The power supply line should have as large a trace as possible to
provide a low impedance path and reduce glitch effects on the
supply line. Clocks and other fast switching digital signals should
be shielded from other parts of the board by digital ground. Avoid
crossover of digital and analog signals if possible. When traces
cross on opposite sides of the board, ensure that they run at right
angles to each other to reduce feedthrough effects through the
board. The best board layout technique is the microstrip technique,
where the component side of the board is dedicated to the ground
plane only and the signal traces are placed on the solder side.
However, this is not always possible with a 2-layer board.
Table 16.
EE
AA
Register
LDAC
Load DAC Register
A
LDACE
A
Bits (DB7 to DB0)
A
LDACE
A
Pin
A
LDACE
A
Operation
0
1/0
Determined by
A
LDACE
A
pin.
1
X—don’t care
DAC channels update, overriding the
A
LDACE
A
pin. DAC channels see
A
LDACE
A
as 0.
Table 17. 32-Bit Input Shift Register Contents for
AA
LDACEE
AA
Register Function
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
to DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
1
1
0
X
X
X
X
X
DAC H
DAC G
DAC F
DAC E
DAC D
DAC C
DAC B
DAC A
Command bits (C3 to C0)
Address bits (A3 to A0)—
don’t cares
Don’t
cares
Setting
A
LDACE
A
bit to 1 overrides
A
LDACE
A
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com