Electronic Components Datasheet Search
  English  ▼

X  

AD5629R Datasheet(PDF) 17 Page - Analog Devices

Part # AD5629R
Description  Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5629R Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5629R Datasheet HTML 13Page - Analog Devices AD5629R Datasheet HTML 14Page - Analog Devices AD5629R Datasheet HTML 15Page - Analog Devices AD5629R Datasheet HTML 16Page - Analog Devices AD5629R Datasheet HTML 17Page - Analog Devices AD5629R Datasheet HTML 18Page - Analog Devices AD5629R Datasheet HTML 19Page - Analog Devices AD5629R Datasheet HTML 20Page - Analog Devices AD5629R Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD5629R/AD5669R
Rev. B | Page 17 of 32
0.0010
–0.0015
–0.0010
–0.0005
0
0.0005
09
8
7
6
5
4
3
2
1
TIME (µs)
VDD = 5V
EXT REF = 5V
TA = 25°C
Figure 36. Analog Crosstalk
0.0020
–0.0015
–0.0010
–0.0005
0
0.0010
0.0015
0.0005
08
7
6
5
4
3
2
1
TIME (µs)
VDD = 5V
EXT REF = 5V
TA = 25°C
Figure 37. DAC-to-DAC Crosstalk
0.06
–0.08
–0.06
–0.04
–0.02
0.02
0.04
0
010
89
7
6
5
4
3
2
1
TIME (s)
VDD = 5.5V
EXT REF = 5V
DAC CODE = 0xFF00
Figure 38. 0.1 Hz to 10 Hz Output Noise Plot, External Reference
0.20
–0.20
–0.15
–0.10
–0.05
0
0.10
0.15
0.05
010
89
7
6
5
4
3
2
1
TIME (s)
EXT REF = 2.5V
DAC CODE = 0xFF00
Figure 39. 0.1 Hz to 10 Hz Output Noise Plot, Internal Reference
0.20
–0.20
–0.15
–0.10
–0.05
0
0.10
0.15
0.05
010
89
7
6
5
4
3
2
1
TIME (s)
INT REF = 1.25V
DAC CODE = 0xFF00
Figure 40. 0.1 Hz to 10 Hz Output Noise Plot, Internal Reference
800
0
100
200
300
400
600
700
500
100
1M
100k
10k
1k
FREQUENCY (Hz)
VREF = 1.25V
VREF = 2.5V
VDD = 5.5V
DAC CODE = 0x8400
Figure 41. Noise Spectral Density, Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com