Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9524 Datasheet HTML 37Page - Analog Devices AD9524 Datasheet HTML 38Page - Analog Devices AD9524 Datasheet HTML 39Page - Analog Devices AD9524 Datasheet HTML 40Page - Analog Devices AD9524 Datasheet HTML 41Page - Analog Devices AD9524 Datasheet HTML 42Page - Analog Devices AD9524 Datasheet HTML 43Page - Analog Devices AD9524 Datasheet HTML 44Page - Analog Devices AD9524 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Data Sheet
AD9524
Rev. D | Page 41 of 56
Addr
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
0x1BA
PLL1 output
control
Reserved
Reserved
Reserved
PLL1 output
CMOS driver
strength
PLL1 output divider
0x00
0x1BB
PLL1 output
channel
control
PLL1
output
driver
power-
down
Reserved
Reserved
Reserved
Reserved
Reserved
Route VCXO
clock to Ch 1
divider input
Route VCXO
clock to Ch 0
divider input
0x80
Readback
0x22C
Readback 0
Status
PLL2
reference
clock
Status
PLL1
feedback
clock
Status
VCXO
Status
REF_TEST
Status
REFB
Status
REFA
Lock detect
PLL2
Lock detect
PLL1
0x22D
Readback 1
Reserved
Reserved
Reserved
Reserved
Holdover
active
Selected
reference
(in auto
mode)
Reserved
VCO
calibration
in progress
Other
0x230
Status signals
Reserved
Reserved
Status Monitor 0 control
0x00
0x231
Reserved
Reserved
Status Monitor 1 control
0x00
0x232
Reserved
Reserved
Reserved
Enable Status_
EEPROM on
STATUS0 pin
STATUS1
pin
divider
enable
STATUS0
pin
divider
enable
Reserved
Sync dividers
(manual
control)
0: sync signal
inactive
1: dividers
held in sync
(same
as SYNC pin
low)
0x00
0x233
Power-down
control
Reserved
Reserved
Reserved
Reserved
Reserved
PLL1
power-
down
PLL2
power-down
Distribution
power-down
0x07
0x234
Update all
registers
Reserved
IO_Update
0x00
EEPROM Buffer
0xA00
EEPROM
Buffer Segment
Register 1 to
EEPROM
Buffer Segment
Register 3
Instruction (data)[7:0] (serial port configuration register)
0x00
0xA01
High byte of register address (serial port configuration register)
0x00
0xA02
Low byte of register address (serial port configuration register)
0x00
0xA03
EEPROM
Buffer Segment
Register 4 to
EEPROM
Buffer Segment
Register 6
Instruction (data)[7:0] (reaback control register)
0x02
0xA04
High byte of register address (reaback control register)
0x00
0xA05
Low byte of register address (reaback control register)
0x04
0xA06
EEPROM
Buffer Segment
Register 7 to
EEPROM
Buffer Segment
Register 9
Instruction (data)[7:0] (PLL segment)
0x0E
0xA07
High byte of register address (PLL segment)
0x00
0xA08
Low byte of register address (PLL segment)
0x10
0xA09
EEPROM
Buffer Segment
Register 10 to
EEPROM
Buffer Segment
Register 12
Instruction (data)[7:0] (PECL/CMOS output segment)
0x0E
0xA0A
High byte of register address (PECL/CMOS output segment)
0x00
0xA0B
Low byte of register address (PECL/CMOS output segment)
0xF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com