Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9524 Datasheet HTML 38Page - Analog Devices AD9524 Datasheet HTML 39Page - Analog Devices AD9524 Datasheet HTML 40Page - Analog Devices AD9524 Datasheet HTML 41Page - Analog Devices AD9524 Datasheet HTML 42Page - Analog Devices AD9524 Datasheet HTML 43Page - Analog Devices AD9524 Datasheet HTML 44Page - Analog Devices AD9524 Datasheet HTML 45Page - Analog Devices AD9524 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
AD9524
Data Sheet
Rev. D | Page 42 of 56
Addr
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
0xA0C
EEPROM
Buffer Segment
Register 13 to
EEPROM
Buffer Segment
Register 15
Instruction (data)[7:0] (divider segment)
0x2B
0xA0D
High byte of register address (divider segment)
0x01
0xA0E
Low byte of register address (divider segment)
0x90
0xA0F
EEPROM
Buffer Segment
Register 16 to
EEPROM
Buffer Segment
Register 18
Instruction (data)[7:0] (clock input and REF segment)
0x01
0xA10
High byte of register address (clock input and REF segment)
0x01
0xA11
Low byte of register address (clock input and REF segment)
0xE0
0xA12
EEPROM
Buffer Segment
Register 19 to
EEPROM
Buffer Segment
Register 21
Instruction (data)[7:0] (other segment)
0x03
0xA13
High byte of register address (other segment)
0x02
0xA14
Low byte of register address (other segment)
0x30
0xA15
EEPROM
Buffer Segment
Register 22
I/O update
0x80
0xA16
EEPROM
Buffer Segment
Register 23
End-of-data
0xFF
EEPROM Control
0xB00
Status_
EEPROM
(read only)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Status_
EEPROM
(read only)
0x00
0xB01
EEPROM error
checking
readback
(read only)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
EEPROM
data error
(read only)
0x00
0xB02
EEPROM
Control 1
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Soft_EEPROM
Enable
EEPROM write
0x00
0xB03
EEPROM
Control 2
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
REG2EEPROM
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com