Electronic Components Datasheet Search
  English  ▼

X  

AD9524 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9524
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9524 Datasheet HTML 10Page - Analog Devices AD9524 Datasheet HTML 11Page - Analog Devices AD9524 Datasheet HTML 12Page - Analog Devices AD9524 Datasheet HTML 13Page - Analog Devices AD9524 Datasheet HTML 14Page - Analog Devices AD9524 Datasheet HTML 15Page - Analog Devices AD9524 Datasheet HTML 16Page - Analog Devices AD9524 Datasheet HTML 17Page - Analog Devices AD9524 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
AD9524
Data Sheet
Rev. D | Page 14 of 56
Pin
No.
Mnemonic
Type1
Description
17
SDIO/SDA
I/O
Serial Control Port Bidirectional Serial Data In/Data Out for SPI Mode (SDIO) or I²C Mode (SDA).
18
SDO
O
Serial Data Output. Use this pin to read data in 4-wire mode (high impedance in 3-wire mode).
There is no internal pull-up/pull-down resistor on this pin.
19
OUT5
O
Complementary Clock Output 5. This pin can be configured as one side of a differential
LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
20
OUT5
O
Clock Output 5. This pin can be configured as one side of a differential LVPECL/LVDS/HSTL output or as a
single-ended CMOS output.
21
VDD3_OUT[4:5]
P
3.3 V Supply for Output 4 and Output 5 Clock Drivers.
22
OUT4
O
Complementary Clock Output 4. This pin can be configured as one side of a differential
LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
23
OUT4
O
Clock Output 4. This pin can be configured as one side of a differential LVPECL/LVDS/HSTL output or as a
single-ended CMOS output.
24
VDD1.8_OUT[4:5]
P
1.8 V Supply for Output 4 and Output 5 Clock Dividers.
25
REF_TEST
I
Test Input to PLL1 Phase Detector.
26
RESET
I
Digital Input, Active Low. Resets internal logic to default states. This pin has an internal
40 kΩ pull-up resistor.
27
PD
Chip Power-Down, Active Low. This pin has an internal 40 kΩ pull-up resistor.
28
EEPROM_SEL
I
EEPROM Select. Setting this pin high selects the register values stored in the internal EEPROM to
be loaded at reset and/or power-up. Setting this pin low causes the AD9524 to load the hard-
coded default register values at power-up/reset. This pin has an internal 40 kΩ pull-down resistor.
29
OUT3
O
Complementary Clock Output 3. This pin can be configured as one side of a differential
LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
30
OUT3
O
Square Wave Clocking Output 3. This pin can be configured as one side of a differential
LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
31
VDD3_OUT[2:3]
P
3.3 V Supply Output 2 and Supply Output 3 Clock Drivers.
32
OUT2
O
Complementary Clock Output 2. This pin can be configured as one side of a differential
LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
33
OUT2
O
Clock Output 2. This pin can be configured as one side of a differential LVPECL/LVDS/HSTL output or as a
single-ended CMOS output.
34
VDD1.8_OUT[0:3]
P
1.8 V Supply for Output 0, Output 1, Output 2, and Output 3 Clock Dividers.
35
STATUS1/SP1
I/O
Lock Detect and Other Status Signals (STATUS1)/I2C Address (SP1).
36
STATUS0/SP0
I/O
Lock Detect and Other Status Signals (STATUS0)/I2C Address (SP0).
37
OUT1
O
Complementary Clock Output 1. This pin can be configured as one side of a differential
LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
38
OUT1
O
Clock Output 1. This pin can be configured as one side of a differential LVPECL/LVDS/HSTL output or as a
single-ended CMOS output.
39
VDD3_OUT[0:1]
P
3.3 V Supply Output 0 and Supply Output 1 Clock Drivers.
40
OUT0
O
Complementary Clock Output 0. This pin can be configured as one side of a differential
LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
41
OUT0
O
Clock Output 0. This pin can be configured as one side of a differential LVPECL/LVDS/HSTL output or as a
single-ended CMOS output.
42
NC
P
This pin is not connected internally (see Figure 2).
43
ZD_IN
I
External Zero Delay Clock Input. Along with ZD_IN, this pin is the differential input for the PLL
reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
44
ZD_IN
I
Complementary External Zero Delay Clock Input. Along with ZD_IN, this pin is the differential input
for the PLL reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
45
REF_SEL
I
Reference Input Select. This pin has an internal 40 kΩ pull-down resistor.
46
PLL1_OUT
O
Single-Ended CMOS Output from PLL1. This pin has settings for weak and strong in
Register 0x1BA, Bit 4 (see Table 52).
47
LDO_PLL1
P/O
1.8 V Internal LDO Regulator Decoupling Pin for PLL1. Connect a 0.47 µF decoupling capacitor
from this pin to ground. Note that, for best performance, the LDO bypass capacitor must be
placed in close proximity to the device.
48
VDD3_PLL1
P
3.3 V Supply PLL1. Use the same supply as VCXO.
EP
EP, GND
GND
Exposed Paddle. The exposed paddle is the ground connection on the chip. It must be soldered
to the analog ground of the PCB to ensure proper functionality and heat dissipation, noise, and
mechanical strength benefits.
1
P = power, I = input, O = output, I/O = input/output, P/O = power/output, GND = ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com