Electronic Components Datasheet Search
  English  ▼

X  

AD9609 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9609
Description  10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9609 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9609 Datasheet HTML 3Page - Analog Devices AD9609 Datasheet HTML 4Page - Analog Devices AD9609 Datasheet HTML 5Page - Analog Devices AD9609 Datasheet HTML 6Page - Analog Devices AD9609 Datasheet HTML 7Page - Analog Devices AD9609 Datasheet HTML 8Page - Analog Devices AD9609 Datasheet HTML 9Page - Analog Devices AD9609 Datasheet HTML 10Page - Analog Devices AD9609 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9609
Rev. 0 | Page 7 of 32
SWITCHING SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, DCS disabled, unless otherwise noted.
Table 4.
Parameter
Temp
AD9609-20/AD9609-40
AD9609-65
AD9609-80
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
625
MHz
Conversion Rate1
Full
3
20/40
3
65
3
80
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
50/25
15.38
12.5
ns
CLK Pulse Width High (tCH)
25.0/12.5
7.69
6.25
ns
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
0.1
ps rms
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)
Full
3
3
3
ns
DCO Propagation Delay (tDCO)
Full
3
3
3
ns
DCO to Data Skew (tSKEW)
Full
0.1
0.1
0.1
ns
Pipeline Delay (Latency)
Full
8
8
8
Cycles
Wake-Up Time2
Full
350
350
350
μs
Standby
Full
600/400
300
260
ns
OUT-OF-RANGE RECOVERY TIME
Full
2
2
2
Cycles
1 Conversion rate is the clock rate after the CLK divider.
2 Wake-up time is dependent on the value of the decoupling capacitors.
tPD
tSKEW
tCH
tDCO
tCLK
N – 8
N – 1
N + 1
N + 2
N + 3
N + 5
N + 4
N
N – 7
N – 6
N – 5
N – 4
VIN
CLK+
CLK–
DATA
DCO
tA
Figure 2. CMOS Output Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com