Electronic Components Datasheet Search
  English  ▼

X  

AD9609 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9609
Description  10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9609 Datasheet(HTML) 1 Page - Analog Devices

  AD9609 Datasheet HTML 1Page - Analog Devices AD9609 Datasheet HTML 2Page - Analog Devices AD9609 Datasheet HTML 3Page - Analog Devices AD9609 Datasheet HTML 4Page - Analog Devices AD9609 Datasheet HTML 5Page - Analog Devices AD9609 Datasheet HTML 6Page - Analog Devices AD9609 Datasheet HTML 7Page - Analog Devices AD9609 Datasheet HTML 8Page - Analog Devices AD9609 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS,
1.8 V Analog-to-Digital Converter
AD9609
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog supply operation
1.8 V to 3.3 V output supply
SNR
61.5 dBFS at 9.7 MHz input
61.0 dBFS at 200 MHz input
SFDR
75 dBc at 9.7 MHz input
73 dBc at 200 MHz input
Low power
45 mW at 20 MSPS
76 mW at 80 MSPS
Differential input with 700 MHz bandwidth
On-chip voltage reference and sample-and-hold circuit
2 V p-p differential analog input
DNL = ±0.10 LSB
Serial port control options
Offset binary, gray code, or twos complement data format
Optional clock duty cycle stabilizer
Integer 1-to-8 input clock divider
Built-in selectable digital test pattern generation
Energy-saving power-down modes
Data clock out with programmable clock and data alignment
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, TD-SCDMA
Smart antenna systems
Battery-powered instruments
Handheld scope meters
Portable medical imaging
Ultrasound
Radar/LIDAR
PET/SPECT imaging
FUNCTIONAL BLOCK DIAGRAM
SPI
MODE
CONTROLS
DIVIDE
BY
1TO 8
DCS
REF
SELECT
VIN+
VIN–
VREF
SENSE
CLK+ CLK–
AVDD
GND
SDIO SCLK
CSB
PDWN
AD9609
DFS
MODE
D0 (LSB)
DCO
D9 (MSB)
OR
ADC
CORE
PROGRAMMING DATA
VCM
RBIAS
DRVDD
Figure 1.
PRODUCT HIGHLIGHTS
1.
The AD9609 operates from a single 1.8 V analog power
supply and features a separate digital output driver supply
to accommodate 1.8 V to 3.3 V logic families.
2.
The patented sample-and-hold circuit maintains excellent
performance for input frequencies up to 200 MHz and is
designed for low cost, low power, and ease of use.
3.
A standard serial port interface supports various product
features and functions, such as data output formatting,
internal clock divider, power-down, DCO and data output
(D9 to D0) timing and offset adjustments, and voltage
reference modes.
4.
The AD9609 is packaged in a 32-lead RoHS compliant
LFCSP that is pin compatible with the AD9629 12-bit ADC
and the AD9649 14-bit ADC, enabling a simple migration
path between 10-bit and 14-bit converters sampling from
20 MSPS to 80 MSPS.


Similar Part No. - AD9609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9609-20EBZ AD-AD9609-20EBZ Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609-40EBZ AD-AD9609-40EBZ Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609-65EBZ AD-AD9609-65EBZ Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609-80EBZ AD-AD9609-80EBZ Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9609BCPZ-20 AD-AD9609BCPZ-20 Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
More results

Similar Description - AD9609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9650 AD-AD9650 Datasheet
1Mb / 44P
16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com