Electronic Components Datasheet Search
  English  ▼

X  

AD9609 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9609
Description  10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9609 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9609 Datasheet HTML 9Page - Analog Devices AD9609 Datasheet HTML 10Page - Analog Devices AD9609 Datasheet HTML 11Page - Analog Devices AD9609 Datasheet HTML 12Page - Analog Devices AD9609 Datasheet HTML 13Page - Analog Devices AD9609 Datasheet HTML 14Page - Analog Devices AD9609 Datasheet HTML 15Page - Analog Devices AD9609 Datasheet HTML 16Page - Analog Devices AD9609 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9609
Rev. 0 | Page 13 of 32
AD9609-65
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, DCS disabled, unless otherwise noted.
5
0
1015202530
0
–20
–40
–60
–80
–100
–120
FREQUENCY (MHz)
0
65MSPS
9.7MHz @ –1dBFS
SNR = 60.6dB (61.6dBFS)
SFDR = 83.1dBc
Figure 15. AD9609-65 Single-Tone FFT with fIN = 9.7 MHz
–20
0
–40
–60
–80
–100
–120
5
0
1015202530
FREQUENCY (MHz)
65MSPS
70.3MHz @ –1dBFS
SNR = 60.6dB (61.6dBFS)
SFDR = 83.4dBc
Figure 16. AD9609-65 Single-Tone FFT with fIN = 70.3 MHz
–20
0
–40
–60
–80
–100
–120
5
0
1015202530
FREQUENCY (MHz)
65MSPS
30.5MHz @ –1dBFS
SNR = 60.6dB (61.6dBFS)
SFDR = 83.9dBc
Figure 17. AD9609-65 Single-Tone FFT with fIN = 30.5 MHz
–10
–30
–50
–70
–90
–110
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 18.AD9609-65 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
85
80
75
70
65
60
55
50
0
50
100
150
200
AIN FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 19. AD9609-65 SNR/SFDR vs. Input Frequency (AIN) with
2 V p-p Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com