Electronic Components Datasheet Search
  English  ▼

X  

D-M Datasheet(PDF) 5 Page - General Semiconductor

Part # D-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

D-M Datasheet(HTML) 5 Page - General Semiconductor

  D-M Datasheet HTML 1Page - General Semiconductor D-M Datasheet HTML 2Page - General Semiconductor D-M Datasheet HTML 3Page - General Semiconductor D-M Datasheet HTML 4Page - General Semiconductor D-M Datasheet HTML 5Page - General Semiconductor D-M Datasheet HTML 6Page - General Semiconductor D-M Datasheet HTML 7Page - General Semiconductor D-M Datasheet HTML 8Page - General Semiconductor D-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
JC030-Series Power Modules:
March 26, 2008
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
Lineage Power
5
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions and Design Considerations for further information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off
(VI = 0 V to 36 V; open collector or
equivalent compatible; signal referenced to
VI(–) terminal. See Figure 22 and Feature
Descriptions.):
JC030x-M Positive Logic
Logic Low—Module Off
Logic High—Module On
JC030x1-M Negative Logic
Logic Low—Module On
Logic High—Module Off
Module Specifications:
On/Off Current—Logic Low
On/Off Voltage:
Logic Low
Logic High (Ion/off = 0)
Open Collector Switch Specifications:
Leakage Current During Logic High
(Von/off = 10 V)
Output Low Voltage During Logic Low
(Ion/off = 1 mA)
Turn-on Time
(at 80% of IO, max; TA = 25 °C; VO within
±1% of steady state; see Figure 18.)
Output Voltage Overshoot
All
All
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
—
—
—
–0.7
—
—
—
—
—
—
—
—
—
—
30
0
1.0
1.2
6
50
1.2
90
5
mA
V
V
µA
V
ms
%
Output Voltage Set-point Adjustment Range
(See Feature Descriptions section.)
JC030A-M, D-M
JC030B-M, C-M
—
—
80
60
—
—
110
110
%VO, nom
%VO, nom
Output Voltage Remote Sense Range
All
—
—
—
0.5
V
Output Overvoltage Protection (clamp)
JC030D-M
JC030A-M
JC030B-M
JC030C-M
VO, clamp
VO, clamp
VO, clamp
VO, clamp
2.5
5.6
13.0
17.0
—
—
—
—
4.0
7.0
16.0
20.0
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com