Electronic Components Datasheet Search
  English  ▼

X  

D-M Datasheet(PDF) 7 Page - General Semiconductor

Part # D-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

D-M Datasheet(HTML) 7 Page - General Semiconductor

Back Button D-M Datasheet HTML 3Page - General Semiconductor D-M Datasheet HTML 4Page - General Semiconductor D-M Datasheet HTML 5Page - General Semiconductor D-M Datasheet HTML 6Page - General Semiconductor D-M Datasheet HTML 7Page - General Semiconductor D-M Datasheet HTML 8Page - General Semiconductor D-M Datasheet HTML 9Page - General Semiconductor D-M Datasheet HTML 10Page - General Semiconductor D-M Datasheet HTML 11Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
JC030-Series Power Modules:
March 26, 2008
18 Vdc to 36 Vdc Inputs; 30 W
7
Lineage Power
Characteristic Curves (continued)
8-854(C)
Figure 5. JC030C-M Typical Output Voltage
Variation Over Ambient Temperature
Range
8-2692(C)
Figure 6. JC030D-M Typical Output Characteristics
8-721(C)
Figure 7. JC030A-M Typical Output Characteristics
8-722(C)
Figure 8. JC030B-M Typical Output Characteristics
14.80
14.85
14.90
14.95
15.00
15.05
CASE TEMPERATURE, TC (˚C)
-40
-20
0
40
80
100
20
60
2468
10
0.0
OUTPUT CURRENT, IO (A)
1.4
1.6
2.0
0
1.0
1.2
1.8
0.8
0.6
0.4
0.2
12
VI = 36 V
VI = 24 V
VI = 18 V
5
4
3
2
0
OUTPUT CURRENT, I O (A)
0
1234
9
10
1
56
7
8
VI = 18 V
VI = 36 V
VI = 24 V
12
8
6
4
0
OUTPUT CURRENT, I O (A)
01
23
4
2
56
10
VI = 18 V
VI = 24 V
VI = 36 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com