Electronic Components Datasheet Search
  English  ▼

X  

D-M Datasheet(PDF) 1 Page - General Semiconductor

Part # D-M
Description  JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

D-M Datasheet(HTML) 1 Page - General Semiconductor

  D-M Datasheet HTML 1Page - General Semiconductor D-M Datasheet HTML 2Page - General Semiconductor D-M Datasheet HTML 3Page - General Semiconductor D-M Datasheet HTML 4Page - General Semiconductor D-M Datasheet HTML 5Page - General Semiconductor D-M Datasheet HTML 6Page - General Semiconductor D-M Datasheet HTML 7Page - General Semiconductor D-M Datasheet HTML 8Page - General Semiconductor D-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
March 26, 2008
JC030-Series Power Modules:
18 Vdc to 36 Vdc Inputs; 2 Vdc to 15 Vdc Outputs;13 W to 30 W
The JC030-Series Power Modules use advanced, surface-
mount technology and deliver high-quality, compact, dc-dc
conversion at an economical price.
Applications
n
Distributed power architectures
n
Telecommunication equipment
Options
n
Choice of remote on/off configurations
n
Short pins: 2.79 mm ± 0.25 mm
(0.110 in. ± 0.010 in.)
n
Heat sinks available for extended operation
Features
n
Small size: 61.0 mm x 57.9 mm x 12.7 mm
(2.40 in. x 2.28 in. x 0.50 in.)
n
Low output noise
n
Constant frequency
n
Industry-standard pinout
n
Metal case
n
2:1 input voltage range
n
High efficiency: 81% typical
n
Overcurrent protection
n
Remote on/off
n
Remote sense
n
Adjustable output voltage
n
Output overvoltage protection
n
Case ground pin
n
UL* 1950 Recognized, CSA† C22.2 No. 950-95
Certified, VDE‡ 0805 (EN60950, IEC950) Licensed
n
Within FCC Class A radiated limits
* UL is a registered trademark of Underwriters Laboratories, Inc.
† CSA is a registered trademark of Canadian Standards Associa-
tion.
‡ VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
Description
The JC030-Series Power Modules are dc-dc converters that operate over an input voltage range of 18 Vdc to
36 Vdc and provide precisely regulated 2 V, 5 V, 12 V, and 15 V outputs. The outputs are isolated from the
inputs, allowing versatile polarity configurations and grounding connections. The modules have maximum
power ratings of 30 W at a typical full-load efficiency of 81%.
The power modules feature remote on/off, output sense (both negative and positive leads), and output voltage
adjustment, which allows output voltage adjustment from 60% to 110% (80% to 110% for the JC030A-M and
JC030D-M) of the nominal output voltage. For disk-drive applications, the JC030B-M Power Module provides a
motor-start surge current of 3 A.
The modules are PC-board mountable and encapsulated in metal cases. The modules are rated to full load at
100 °C case temperature with no external filtering.


Similar Part No. - D-M

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-M PANDUIT-D-M Datasheet
82Kb / 5P
Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects
logo
List of Unclassifed Man...
D-M9B ETC-D-M9B Datasheet
6Mb / 92P
Applicable Cylinder Series
D-M9BE ETC-D-M9BE Datasheet
6Mb / 92P
Applicable Cylinder Series
D-M9BEV ETC-D-M9BEV Datasheet
6Mb / 92P
Applicable Cylinder Series
D-M9BWL ETC-D-M9BWL Datasheet
6Mb / 92P
Applicable Cylinder Series
More results

Similar Description - D-M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Lineage Power Corporati...
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com