Electronic Components Datasheet Search
  English  ▼

X  

LC015D Datasheet(PDF) 7 Page - General Semiconductor

Part # LC015D
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC015D Datasheet(HTML) 7 Page - General Semiconductor

Back Button LC015D Datasheet HTML 3Page - General Semiconductor LC015D Datasheet HTML 4Page - General Semiconductor LC015D Datasheet HTML 5Page - General Semiconductor LC015D Datasheet HTML 6Page - General Semiconductor LC015D Datasheet HTML 7Page - General Semiconductor LC015D Datasheet HTML 8Page - General Semiconductor LC015D Datasheet HTML 9Page - General Semiconductor LC015D Datasheet HTML 10Page - General Semiconductor LC015D Datasheet HTML 11Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
March 27, 2008
Lineage Power
7
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Electrical Specifications (continued)
Output Voltage Set-point Adjustment Range
(optional: single outputs only)
A, B, F
C
D
—
—
—
90
90
90
—
—
—
110
100
125
%VO, nom
%VO, nom
%VO, nom
Output Overvoltage Clamp
(VO, clamp may be set higher on units with out-
put voltage set-point adjustment option.)
D
F
A
B
C
AJ
BK
CL
VO, clamp
VO, clamp
VO, clamp
VO, clamp
VO, clamp
VO1, clamp
VO2, clamp
VO1, clamp
VO2, clamp
VO1, clamp
VO2, clamp
2.60
3.7
5.6
13.2
16.5
5.6
–5.6
13.2
–13.2
16.5
–16.5
—
—
—
—
—
—
—
—
—
—
—
4.0
5.7
7.0
16.0
21.0
7.0
–7.0
18.0
–18.0
21.0
–21.0
V
V
V
V
V
V
V
V
V
V
V
Undervoltage Lockout
LCxxx
LWxxx
Vuvlo
Vuvlo
11
20
14
27
—
—
V
V
Table 5. Feature Specifications (continued)
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Characteristic Curves
8-1785(C)
Figure 1. LC010 Input Current vs. Input Voltage at
IO = IO, max and TC = 25 °C
8-1786(C)
Figure 2. LC015 Input Current vs. Input Voltage at
IO = IO, max and TC = 25 °C
5
10
15
25
20
30
0.0
0.6
INPUT VOLTAGE, V I (V)
0.4
0.3
0.5
35
0.8
40
0
0.7
0.2
0.1
0.9
0.4
0.0
0.8
1.2
1.4
0.2
0.6
1.0
5
10
15
35
20
40
0
30
25
INPUT VOLTAGE, V I (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com