Electronic Components Datasheet Search
  English  ▼

X  

LC015D Datasheet(PDF) 3 Page - General Semiconductor

Part # LC015D
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC015D Datasheet(HTML) 3 Page - General Semiconductor

  LC015D Datasheet HTML 1Page - General Semiconductor LC015D Datasheet HTML 2Page - General Semiconductor LC015D Datasheet HTML 3Page - General Semiconductor LC015D Datasheet HTML 4Page - General Semiconductor LC015D Datasheet HTML 5Page - General Semiconductor LC015D Datasheet HTML 6Page - General Semiconductor LC015D Datasheet HTML 7Page - General Semiconductor LC015D Datasheet HTML 8Page - General Semiconductor LC015D Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Lineage Power
3
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = VI, nom; IO = IO, max; TA = 25 °C)
D
G*
F
A
B
C
AJ
BK
CL
VO, set
VO, set
VO, set
VO, set
VO, set
VO, set
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
1.92
—
3.17
4.85
11.52
14.40
4.75
–4.75
11.40
–11.40
14.25
–14.25
2.0
2.5
3.3
5.0
12.0
15.0
5.0
–5.0
12.0
–12.0
15.0
–15.0
2.08
—
3.43
5.20
12.48
15.60
5.25
–5.25
12.60
–12.60
15.75
–15.75
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all line, load, and temperature
conditions until end of life; see
Figures 35 and 37.)
D
G*
F
A
B
C
AJ
BK
CL
VO, set
VO, set
VO, set
VO, set
VO, set
VO, set
VO1, set
VO2, set
VO1, set
VO2, set
VO1, set
VO2, set
1.90
—
3.13
4.80
11.40
14.25
4.5
–4.5
10.80
–10.80
13.50
–13.50
—
2.5
—
—
—
—
—
—
—
—
—
—
2.10
—
3.47
5.25
12.60
15.75
5.5
–5.5
13.20
–13.20
16.50
–16.50
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation
(See Figures 5—11):
Line (VI = VI, min to VI, max)
Load (IO = IO, min to IO, max)
Load (IO = IO, min to IO, max)
Temperature
(TC = –40 °C to +85 °C)
A, F, D, G*
B, C
Lx010 A, F, D, G*
B, C
Lx015 A, F, D, G*
B, C
A, F, D, G*
B, C
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.01
—
0.1
—
0.1
25
0.5
5
0.1
10
0.2
15
0.2
100
2.0
mV
%VO
mV
%VO
mV
%VO
mV
%VO
Output Ripple and Noise
(Across 2 x 0.47 µF ceramic capaci-
tors; see Figures 34 and 36.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
A, D, F, G*
AJ, B, C
BK, CL
A, D, F, G*
AJ, B, C
BK, CL
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
30
35
50
100
120
150
mVrms
mVrms
mVrms
mVp-p
mVp-p
mVp-p
External Load Capacitance
A, F, D, G*
B, C
—
—
—
—
—
—
1000
200
µF
µF
* For a 2.5 V output, use the 2 V output module (D code) with an output voltage trim pin (optional feature).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com