Electronic Components Datasheet Search
  English  ▼

X  

LC015D Datasheet(PDF) 1 Page - General Semiconductor

Part # LC015D
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC015D Datasheet(HTML) 1 Page - General Semiconductor

  LC015D Datasheet HTML 1Page - General Semiconductor LC015D Datasheet HTML 2Page - General Semiconductor LC015D Datasheet HTML 3Page - General Semiconductor LC015D Datasheet HTML 4Page - General Semiconductor LC015D Datasheet HTML 5Page - General Semiconductor LC015D Datasheet HTML 6Page - General Semiconductor LC015D Datasheet HTML 7Page - General Semiconductor LC015D Datasheet HTML 8Page - General Semiconductor LC015D Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
March 27, 2008
LC/LW010- and LC/LW015-Series Power Modules:
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
The LC/LW010- and LC/LW015-Series Power Modules use
advanced, surface-mount technology and deliver high-qual-
ity, compact, dc-dc conversion at an economical price.
Options
n
Remote on-off
n
Choice of on/off configuration
n
Short pin: 2.8 mm ± 0.25 mm (0.110 in. ± 0.010 in.)
n
Synchronization (cannot be ordered on units with
remote on/off)
n
Output voltage adjust: 90% to 110% of VO, nom
(single outputs only)
n
Tight output voltage tolerance
Features
n
Low profile: 10.2 mm x 25.4 mm x 50.8 mm
(0.4 in. x 1.0 in. x 2.0 in.) with standoffs
(9.6 mm (0.38 in.) with standoffs recessed)
n
Wide input voltage range: 18 Vdc to 36 Vdc or
36 Vdc to 75 Vdc
n
Output current limiting, unlimited duration
n
Output overvoltage clamp
n
Undervoltage lockout
n
Input-to-output isolation: 1500 V
n
Operating case temperature range: –40 °C to
+105 °C
n
UL* 1950 Recognized, CSA† 22.2 No. 950-95
Certified, IEC950, and VDE0805 Licensed
n
CE mark meets 73/23/EEC and 93/68/EEC
directives‡
n
Within FCC and VDE Class A radiated limits
Applications
n
Telecommunications
n
Distributed power architectures
n
Private branch exchange (PBX)
n
Voice and data multiplexing
Description
The L Single- and Dual-Output-Series Power Modules are low-profile, dc-dc converters that operate over an
input voltage range of 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc and provide one or two precisely regulated out-
puts. The outputs are isolated from the input, allowing versatile polarity configurations and grounding connec-
tions. The modules have a maximum power rating of 10 W to 15 W and efficiencies of up to 84% for a 5 V
output and 82% for a 3.3 V output. Built-in filtering for both input and output minimizes the need for external fil-
tering.
* UL is a registered trademark of Underwriters Laboratories, Inc.
† CSA is a registered trademark of Canadian Standards Association.
‡ This product is intended for integration into end-use equipment. All the required procedures for CE marking of end-use equipment should be followed. (The CE mark is placed on selected products.)


Similar Part No. - LC015D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC015D MACOM-LC015D Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015D LINEAGEPOWER-LC015D Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015D LINEAGEPOWER-LC015D Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

Similar Description - LC015D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
36 Vdc to 75 Vdc Inputs, 5 W
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
logo
Lineage Power Corporati...
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com