Electronic Components Datasheet Search
  English  ▼

X  

LW020F Datasheet(PDF) 4 Page - General Semiconductor

Part # LW020F
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020F Datasheet(HTML) 4 Page - General Semiconductor

  LW020F Datasheet HTML 1Page - General Semiconductor LW020F Datasheet HTML 2Page - General Semiconductor LW020F Datasheet HTML 3Page - General Semiconductor LW020F Datasheet HTML 4Page - General Semiconductor LW020F Datasheet HTML 5Page - General Semiconductor LW020F Datasheet HTML 6Page - General Semiconductor LW020F Datasheet HTML 7Page - General Semiconductor LW020F Datasheet HTML 8Page - General Semiconductor LW020F Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Electrical Specifications (continued)
Table 3. Isolation Specifications
General Specifications
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions and Design Considerations for further information.
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
—
0.002
—
µF
Isolation Resistance
10
—
—
M¾
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TC = 40 °C)
4,500,000
hours
Weight
—
—
54 (1.9)
g (oz.)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface:
(VI = 0 V to VI, max; open collector or equivalent
compatible; signal referenced to VI(–) terminal.
See Figure 14 and Feature Descriptions.):
Negative Logic: Device Code Suffix “1”:
Logic Low—Module On
Logic High—Module Off
Positive Logic: If Device Code Suffix “1” is not
specified:
Logic Low—Module Off
Logic High—Module On
Module Specifications:
On/Off Current—Logic Low
On/Off Voltage:
Logic Low
Logic High (Ion/off = 0)
Open Collector Switch Specifications:
Leakage Current During Logic High
(Von/off = 10 V)
Output Low Voltage During Logic Low
(Ion/off = 1 mA)
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
—
–0.7
—
—
—
—
—
—
—
—
1.0
1.2
10
50
1.2
mA
V
V
µA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com