Electronic Components Datasheet Search
  English  ▼

X  

LW020F Datasheet(PDF) 13 Page - General Semiconductor

Part # LW020F
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020F Datasheet(HTML) 13 Page - General Semiconductor

Back Button LW020F Datasheet HTML 8Page - General Semiconductor LW020F Datasheet HTML 9Page - General Semiconductor LW020F Datasheet HTML 10Page - General Semiconductor LW020F Datasheet HTML 11Page - General Semiconductor LW020F Datasheet HTML 12Page - General Semiconductor LW020F Datasheet HTML 13Page - General Semiconductor LW020F Datasheet HTML 14Page - General Semiconductor LW020F Datasheet HTML 15Page - General Semiconductor LW020F Datasheet HTML 16Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Lineage Power
13
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Thermal Measurements
The derating curves in Figure 16 were derived from measurements obtained in an experimental apparatus shown
in Figure 21. Note that the module and the printed-wiring board (PWB) that it is mounted on are vertically oriented.
The passage has a rectangular cross section.
8-1126(C).d
Note: Dimensions are in millimeters and (inches)
.
Figure 21. Experimental Test Setup
Layout Considerations
Copper paths must not be routed beneath the power module standoffs.
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED
BELOW THE
MODULE
AIRFLOW
13 (0.5)
FACING PWB
MODULE
76 (3.0)
PWB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com