Electronic Components Datasheet Search
  English  ▼

X  

LW020F Datasheet(PDF) 3 Page - General Semiconductor

Part # LW020F
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020F Datasheet(HTML) 3 Page - General Semiconductor

  LW020F Datasheet HTML 1Page - General Semiconductor LW020F Datasheet HTML 2Page - General Semiconductor LW020F Datasheet HTML 3Page - General Semiconductor LW020F Datasheet HTML 4Page - General Semiconductor LW020F Datasheet HTML 5Page - General Semiconductor LW020F Datasheet HTML 6Page - General Semiconductor LW020F Datasheet HTML 7Page - General Semiconductor LW020F Datasheet HTML 8Page - General Semiconductor LW020F Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Lineage Power
3
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 48 V; IO = IO, max; TC = 25 °C)
LW020G
LW020F
LW020A
LW020B
LW020C
VO, set
VO, set
VO, set
VO, set
VO, set
2.46
3.25
4.92
11.81
14.76
2.5
3.3
5.0
12.0
15.0
2.54
3.35
5.08
12.19
15.24
Vdc
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all line, load, and temperature
conditions until end of life; see Figure 13.)
LW020G
LW020F
LW020A
LW020B
LW020C
VO
VO
VO
VO
VO
2.4
3.20
4.85
11.64
14.55
—
—
—
—
—
2.6
3.40
5.15
12.36
15.45
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = 36 V to 75 V)
Load (IO = IO, min to IO, max)
Temperature (TC = –40 °C to +100 °C)
All
All
All
—
—
—
—
—
—
0.01
0.05
0.5
0.1
0.2
1.0
%VO
%VO
%VO
Output Ripple and Noise Voltage
(See Figure 12.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
LW020A, F,
G
LW020B, C
LW020A, F,
G
LW020B, C
—
—
—
—
—
—
—
—
—
—
20
50
20
50
100
150
mVrms
mVrms
mVp-p
mVp-p
Output Current
(At IO < IO, min, the modules may exceed
output ripple specifications.)
LW020A, F,
G
LW020B
LW020C
IO
IO
IO
0.4
0.17
0.13
—
—
—
4.0
1.67
1.33
A
A
A
Output Current-limit Inception
(VO = 90% x VO, set; see Figure 2.)
All
IO
103
—
150
%IO, max
Output Short-circuit Current
(VO = 250 mV)
LW020C
LW020B
LW020A, F,
G
IO
IO
IO
—
—
—
150
150
150
250
220
200
%IO, max
%IO, max
%IO, max
Efficiency
(VI, nom; IO = IO, max; TC = 25 °C; see Figures
3—7 and 13.)
LW020G
LW020F
LW020A
LW020B
LW020C
η
η
η
η
η
71
74
77
82
82
75
77
81
85
85
—
—
—
—
—
%
%
%
%
%
Switching Frequency
All
—
—
256
—
kHz
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = VI, nom, TA = 25 °C):
Load Change from IO = 50% to 75% of
IO, max:
Peak Deviation
Settling Time (VO < 10% peak
deviation)
Load Change from IO = 50% to 25% of
IO, max:
Peak Deviation
Settling Time (VO < 10% peak
deviation)
All
All
All
All
—
—
—
—
—
—
—
—
2
1.0
2
1.0
—
—
—
—
%VO, set
ms
%VO, set
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com